Electronic Components Datasheet Search
  English  ▼

X  

TCC76 Datasheet(PDF) 247 Page - List of Unclassifed Manufacturers

Part # TCC76
Description  32-bit RISC Microprocessor For Digital Media Player
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TCC76 Datasheet(HTML) 247 Page - List of Unclassifed Manufacturers

Back Button TCC76 Datasheet HTML 243Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 244Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 245Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 246Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 247Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 248Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 249Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 250Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 251Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 247 / 259 page
background image
TCC76x
Specification Rev. 0.07
February 23, 2005
32-bit RISC Microprocessor for Digital Media Player
ELECTRICAL SPECIFICATION
Preliminary
23-5
23.7 Absolute Maximum Ratings – Audio CODEC
Table 23.8 Absolute Maximum Ratings – Audio CODEC
Parameter
Symbol
Rating
Unit
Digital Supply Voltage for Audio CODEC
VDDC_CDC
VDDB_CDC
-0.3 to 3.63
V
Analog Supply Voltage for Audio CODEC
VDDA_CDC
-0.3 to 3.63
V
Digital Input Voltage for Audio CODEC
VIN_CDC
-0.3 to VDDB_CDC + 0.3
V
Analog Input Voltage for Audio CODEC
VINA_CDC
-0.3 to VDDA_CDC + 0.3
V
Storage Temperature for Audio CODEC
TSTG_CDC
-45 to 125
oC
Notes:
1.
The voltage difference between analog and digital grounds (VSS_CDC, AGND) must always be within 0.3V.
2.
VDDA_CDC includes AVDD and HPVDD.
3.
VDDC_CDC must not exceed VDDA_CDC or VDDB_CDC
4.
VDDB_CDC must not exceed VDDA_CDC
5.
The voltage difference between VDDIO and VDDB_CDC must always be within 0.3V
23.8 Recommended Operating Conditions – Audio CODEC
Table 23.9 Recommended Operating Conditions – Audio CODEC
Parameter
Symbol
MIN
TYP
MAX
Unit
Digital Supply Voltage for Audio CODEC (Core)
VDDC_CDC
1.42
1.5
3.6
V
Digital Supply Voltage for Audio CODEC (Buffer)
VDDB_CDC
2.7
3.3
3.6
V
Analog Supply Voltage for Audio CODEC
VDDA_CDC
2.7
3.3
3.6
V
Digital Input Voltage for Audio CODEC
VIN_CDC
-0.1
-
VDDB_CDC + 0.15
V
Analog Input Voltage for Audio CODEC
VINA_CDC
1
VRMS
Operating Temperature for Audio CODEC
TOPER_CDC
-10
70
oC
23.9 Electrical Characteristics - Audio CODEC
Ta = 25
oC, VDDA_CDC = VDDB_CDC = 3.3V, VDDC_CDC = 1.5V, VSSA_CDC = 0.0V, Fs = 48kHz unless otherwise specified.
Table 23.10 Electrical Characteristics - Audio CODEC Digital I/O
Parameter
Symbol
Test Conditions
MIN
TYP
MAX
Unit
High Level Input Voltage
VIH_CDC
VDDB_CDC = 3.3V
0.7 VDDB_CDC
V
Low Level Input Voltage
VIL_CDC
VDDB_CDC = 3.3V
0.3 VDDB_CDC
V
High Level Input Current
-10
10
µA
High Level Input Current
(pull-down enabled)
IIH_CDC
VDDB_CDC = 3.3V
VIN_CDC = VDDB_CDC
-10
90
µA
Low Level Input Current
-10
10
µA
Low Level Input Current
(pull-up enabled)
IIL_CDC
VDDB_CDC = 3.3V
VIN_CDC = VSS_CDC
-90
10
µA
High Level Output Voltage
VOH_CDC
VDDB_CDC = 3.3V
0.9 VDDB_CDC
V
Low Level Output Voltage
VOL_CDC
VDDB_CDC = 3.3V
0.1 VDDB_CDC
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com