Electronic Components Datasheet Search
  English  ▼

X  

TCC76 Datasheet(PDF) 245 Page - List of Unclassifed Manufacturers

Part # TCC76
Description  32-bit RISC Microprocessor For Digital Media Player
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TCC76 Datasheet(HTML) 245 Page - List of Unclassifed Manufacturers

Back Button TCC76 Datasheet HTML 241Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 242Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 243Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 244Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 245Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 246Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 247Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 248Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 249Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 245 / 259 page
background image
TCC76x
Specification Rev. 0.07
February 23, 2005
32-bit RISC Microprocessor for Digital Media Player
ELECTRICAL SPECIFICATION
Preliminary
23-3
23.4 Absolute Maximum Ratings – NOR Flash
Table 23.4 Absolute Maximum Ratings – NOR Flash
Parameter
Symbol
Rating
Unit
DC Supply Voltage for NOR Flash
VDD_NOR
-0.5 to 3.8
V
Input Voltage for NOR Flash
VIN_NOR
-0.5 to VDD_NOR + 0.5
V
DC Input Current for NOR Flash
IIN_NOR
+/- 100
mA
Storage Temperature
TSTG_NOR
-45 to 85
oC
The voltage difference between VDDIO and VDD_NOR must always be within 0.3V
23.5 Recommended Operating Conditions – NOR Flash
Table 23.5 Recommended Operating Conditions – NOR Flash
Parameter
Symbol
MIN
TYP
MAX
Unit
DC Supply Voltage for NOR Flash
VDD_NOR
2.7
-
3.6
V
Input Voltage for NOR Flash
VIN_NOR
-0.1
-
VDD_NOR + 0.15
V
Operating Temperature for NOR Flash
TOPER_NOR
0
70
oC
23.6 Electrical Characteristics – NOR Flash
Table 23.6 Electrical Characteristics – NOR Flash
Parameter
Symbol
Test Conditions
MIN
TYP
MAX
Unit
High Level Input Voltage
VIH_NOR
VDD_NOR = 3.3V±0.3V
0.7 VDD_NOR
V
Low Level Input Voltage
VIL_NOR
VDD_NOR = 3.3V±0.3V
0.8
V
High Level Input Current
IIH_NOR
VIN_NOR = VDD_NOR
-10
10
µA
Low Level Input Current
IIL_NOR
VIN_NOR = VSS_NOR
-10
10
µA
High Level Output Voltage
VOH_NOR
VDD_NOR = VDD_NOR_MIN
IOH_NOR = -100µA
VDD_NOR - 0.2
V
Low Level Output Voltage
VOL_NOR
VDD_NOR = VDD_NOR_MIN
IOL_NOR = 100µA
0.2
V
Output Leakage Current
IOZ_NOR
VOUT_NOR = VSS_NOR or VDD_NOR
-10
10
µA
Read
30
mA
Supply Current
IDD_NOR
Program / Erase
30
mA
Stanby Supply Current
IDS_NOR
FCSN = VDD_NOR
3
20
µA
Endurance
Program / Erase
100,000
Cycles
Ta = 25
oC, VDD_NOR = VDDIO = 3.3V±0.3V, VSS_NOR = VSSIO = 0.0V unless otherwise specified.
Table 23.7 AC Characteristics – NOR Flash
Parameter
Symbol
Test Conditions
MIN
TYP
MAX
Unit
Read Cycle Time
tRC
70
ns
Address Access Time
tAA
FCSN = nOE = VSS_NOR
70
ns
Chip Enable Access Time
tCE
nOE = VSS_NOR
70
ns
Output Enable Access Time
tOE
FCSN = VSS_NOR
35
ns
Chip Enable to Output High-Z
tCHZ
25
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com