Electronic Components Datasheet Search
  English  ▼

X  

TCC76 Datasheet(PDF) 246 Page - List of Unclassifed Manufacturers

Part # TCC76
Description  32-bit RISC Microprocessor For Digital Media Player
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TCC76 Datasheet(HTML) 246 Page - List of Unclassifed Manufacturers

Back Button TCC76 Datasheet HTML 242Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 243Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 244Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 245Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 246Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 247Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 248Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 249Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 250Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 246 / 259 page
background image
TCC76x
Specification Rev. 0.07
February 23, 2005
32-bit RISC Microprocessor for Digital Media Player
ELECTRICAL SPECIFICATION
Preliminary
23-4
Parameter
Symbol
Test Conditions
MIN
TYP
MAX
Unit
Output Enable to Output High-Z
tOHZ
25
ns
Output Hold Time
tOH
0
ns
Address Setup Time
tAS
0
ns
Address Hold Time
tAH
45
ns
Data Setup Time
tAS
35
ns
Data Hold Time
tAH
0
ns
Chip Enable Setup Time
tCS
0
ns
Chip Enable Hold Time
tCH
0
ns
Output Enable Setup Time
tOES
0
ns
Output Enable Hold Time
tOEH
10
ns
Write Enable Pulse Width
tWP
40
ns
Write Enable Pulse Width High
tWPH
30
ns
Notes:
1.
Measurement Condition: CL = 30pF, Input Rise/Fall Time = 5.0ns
2.
Before accessing the NOR Flash, the CSCFG3 register must be programmed appropriately to meet the
above timing parameters. (Refer to section “Memory Controller”).
3.
Actual access timing is determined by the value of the CSCFG3 register and Memory Controller clock
(HCLK) frequency.
Not all parameters are tested. Guaranteed by design characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com