Electronic Components Datasheet Search
  English  ▼

X  

TCC76 Datasheet(PDF) 240 Page - List of Unclassifed Manufacturers

Part # TCC76
Description  32-bit RISC Microprocessor For Digital Media Player
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TCC76 Datasheet(HTML) 240 Page - List of Unclassifed Manufacturers

Back Button TCC76 Datasheet HTML 236Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 237Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 238Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 239Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 240Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 241Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 242Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 243Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 244Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 240 / 259 page
background image
TCC76x
Specification Rev. 0.07
February 23, 2005
32-bit RISC Microprocessor for Digital Media Player
USB 2.0 & CARD INTERFACE
Preliminary
22-2
22.2 Register Description
Table 22.1
I/O Port Functions and
 
Selection Addresses
Addresses
Functions
nCS0
nCS1
A2
A1
A0
Read (nIOR)
Write (nIOW)
1
1
X
X
X
Data bus high impedance
Not used
Control block registers
1
0
0
X
X
Data bus high impedance
Not used
1
0
1
0
X
Data bus high impedance
Not used
1
0
1
1
0
Alternate Status
Device Control
1
0
1
1
1
Obsolete
Not used
Command block registers
0
1
0
0
0
Data
Data
0
1
0
0
1
Error
Features
0
1
0
1
0
Sector Count
Sector Count
0
1
0
1
1
Sector Number
Sector Number
0
1
1
0
0
Cylinder Low
Cylinder Low
0
1
1
0
1
Cylinder High
Cylinder High
0
1
1
1
0
Device/Head
Device/Head
0
1
1
1
1
Status
Command
0
0
X
X
X
Invalid address
Invalid address
Table 22.2 The Relationship of MST[2:0] Pins and Feature Register
MST[2:0]
Configuration
Feature register
111
Record in flash memory by AP. In USB Mode, First
slot is NAND Flash memory, Second slot is
MMC/SD and Third slot is MS/MS Pro/New MS card
0x80: direct to Flash Memory Hidden disk
0x00: direct to NAND Flash Memory FAT disk.
0x01: direct to MMC/SD card
0x02: direct to MS/MS Pro card
001
Only support MMC/SD card
0x00: direct to MMC/SD card
010
Only support MS/MS_Pro card
0x00: direct to MS/MS Pro card
011
Support two kinds of card above. And MMC/SD is
the first slot in USB mode.
0x00: direct to MMC/SD card
0x01: direct to MS/MS Pro card
100
Support two kinds of card above. And MS/MS_Pro
card is the first slot in USB mode.
0x00: direct to MS/MS Pro card
0x01: direct to MMC/SD card
Value of Feature register is slot number of each memory.
Fill feature register before access command
After Feature register has been filled, Initial Media Command(0x62) should be issued.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com