Electronic Components Datasheet Search
  English  ▼

X  

TCC76 Datasheet(PDF) 237 Page - List of Unclassifed Manufacturers

Part # TCC76
Description  32-bit RISC Microprocessor For Digital Media Player
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TCC76 Datasheet(HTML) 237 Page - List of Unclassifed Manufacturers

Back Button TCC76 Datasheet HTML 233Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 234Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 235Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 236Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 237Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 238Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 239Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 240Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 241Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 237 / 259 page
background image
TCC76x
Specification Rev. 0.07
February 23, 2005
32-bit RISC Microprocessor for Digital Media Player
JTAG DEBUG INTERFACE
Preliminary
21-3
JTAG connector on the target
The following diagram shows the JTAG connector on a target system and a 20-14pin-
adapter board.
When designing a target board, users can select a 14pin header or 20pin header. The pin
configuration of header on the target board should be same as following diagram.
1
3
5
7
9
11
13
15
T_VCC
nTRST
TDI
TMS
TCK
x
TDO
nSYSRST
x
GND
GND
GND
GND
GND
GND
GND
2
4
6
8
10
12
14
16
T_VCC
nTRST
TDI
TMS
TCK
TDO
GND
GND
GND
GND
GND
nSYSRST
1
3
5
7
9
11
2
4
6
8
10
12
17
19
18
20
x
x
GND
GND
13
14
T_VCC
GND
[20 pin Connector]
[14 pin Connector]
Figure 21.3 Pin Configuration of 20 and 14 pin Connector
[20-14 Adapter]
OPENice32
Interface
Figure 21.4 20-14 Adapter Board
Contact Point
If you have any question regarding OPENice32, please contact AIJI System.
AIJI System.Co., Ltd.
Tel: +82-32-223-6611
email:stroh@aijisystem.com
http://www.aijisystem.com
http://www.mculand.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com