Electronic Components Datasheet Search
  English  ▼

X  

TCC76 Datasheet(PDF) 236 Page - List of Unclassifed Manufacturers

Part # TCC76
Description  32-bit RISC Microprocessor For Digital Media Player
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TCC76 Datasheet(HTML) 236 Page - List of Unclassifed Manufacturers

Back Button TCC76 Datasheet HTML 232Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 233Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 234Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 235Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 236Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 237Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 238Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 239Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 240Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 236 / 259 page
background image
TCC76x
Specification Rev. 0.07
February 23, 2005
32-bit RISC Microprocessor for Digital Media Player
JTAG DEBUG INTERFACE
Preliminary
21-2
21.1 Debugging with OPENice32 & AIJI Spider
OPENice32 is a powerful and convenient emulator for ARM processor. It provides the
best debugging solution for Telechips ARM processor, TCC76x series. A powerful
debugger, AIJI Spider, is supplied with OPENice32.
It also provides a TCC76x device file and flash device file.
To debug the target system using TCC76x with OPENice32, you should set the Boot
Mode as development mode. Refer to the Boot Procedure chapter to set the Boot Mode.
For more information, refer to OPENice32 manual or application note.
System Configuration
OPENice32 is connected to the host PC with serial, USB or Ethernet that provides high
speed downloading. It is connected to the target JTAG connector with a 20-way cable.
TCC76X
Telechips
Target System
OPENice32
Host PC
JTAG
USB/Ethernet
Figure 21.2 Connection between Host PC and OPENice32 and Target System



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com