Electronic Components Datasheet Search
  English  ▼

X  

TCC76 Datasheet(PDF) 230 Page - List of Unclassifed Manufacturers

Part # TCC76
Description  32-bit RISC Microprocessor For Digital Media Player
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TCC76 Datasheet(HTML) 230 Page - List of Unclassifed Manufacturers

Back Button TCC76 Datasheet HTML 226Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 227Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 228Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 229Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 230Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 231Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 232Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 233Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 234Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 230 / 259 page
background image
TCC76x
Specification Rev. 0.07
February 23, 2005
32-bit RISC Microprocessor for Digital Media Player
BOOTING PROCEDURE
Preliminary
20-4
20.4 I2C or NAND Boot (BM == 001)
There are 2 modes in the TCC76x when BM[2:0] is equal to 001. One is booting from
serial EEPROM through I2C interface and the other is booting from NAND flash.
The EEPROM must have I2C address of 0xA0 (for write) and 0xA1 (for read), and the
NAND chip enable is controlled either by GPIO_A7 or GPIO_A6 or GPIO_D13 or
GPIO_D12, and NAND out-enable is connected via nCS2 pin.
The procedure checks if there exist EEPROM first, the I2C interface must be connected
via GPIO_D17 for clock and GPIO_D16 for data. If there exist an EEPROM, the
procedure follows I2C boot sequence or it checks if NAND flash is connected with some
GPIO pins. The sequence of checking starts from GPIO_A7, then GPIO_A6, then
GPIO_D13, and end with GPIO_D12.
The boot sequence of I2C interface is as follows.
i) Read init line from EEPROM. The init line consists of the following information.
1st word ~ 2nd word: security information
3rd word : size of code.
ii) Check if the security information is correct.
iii) Decrypt codes and copy them to internal SRAM (starts from 0x30000000).
iv) After all amount of codes are decrypted and copied, the program executes from the
start of internal SRAM (0x30000000).
It is considered that the output enable of NAND flash is to be connected with nCS2. The
boot sequence of NAND flash is as follows.
i)
Check if device id exist in the device id table while changing chip select pin from
GPIO_A7 to GPIO_D12. (GPIO_A7
GPIO_A6
GPIO_D13
GPIO_D12)
ii) Set CSCFG2 register according to device id value.
iii) Read data by 512 bytes unit from the last page down to half of NAND size until the
ECC (SSFDC standard) of them and the 1st and 2nd word in them are all correct.
Select lower or upper half of 512 bytes as an initialization code block according to
the result of ECC checking.
1st word ~ 2nd word: security information.
iv) If the correct block is found, copy the remaining of code in selected block from the
3rd word to internal SRAM (starts from 0x30000000). After all amount of codes are
copied (initialization codes are not encrypted), the program sequence is changed to
internal SRAM (0x30000000). And these codes take responsibility of the remaining
boot process.
The overall flow of I2C and NAND boot is illustrated in the Figure 20.3
The supported NAND flash types are as follows.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com