Electronic Components Datasheet Search
  English  ▼

X  

SLRC400 Datasheet(PDF) 107 Page - NXP Semiconductors

Part # SLRC400
Description  I쨌CODE Reader IC
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SLRC400 Datasheet(HTML) 107 Page - NXP Semiconductors

Back Button SLRC400 Datasheet HTML 103Page - NXP Semiconductors SLRC400 Datasheet HTML 104Page - NXP Semiconductors SLRC400 Datasheet HTML 105Page - NXP Semiconductors SLRC400 Datasheet HTML 106Page - NXP Semiconductors SLRC400 Datasheet HTML 107Page - NXP Semiconductors SLRC400 Datasheet HTML 108Page - NXP Semiconductors SLRC400 Datasheet HTML 109Page - NXP Semiconductors SLRC400 Datasheet HTML 110Page - NXP Semiconductors SLRC400 Datasheet HTML 111Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 130 page
background image
Philips Semiconductors
Product Specification Rev. 2.0 November 2001
I
•CODE Reader IC
SL RC400
107
Preliminary
16.6
Diverse Commands
16.6.1 LOADCONFIG COMMAND 07HEX
16.6.1.1 Overview
Command
Codehex
Action
Arguments and Data
Returned Data
LoadConfig
07
Reads data from E²PROM and initialises the
registers
Start Address LSB
Start Address MSB
-
The LoadConfig-Command interprets the first two bytes found in the FIFO buffer as E²PROM starting
byte-address. When the two argument-bytes are available in the FIFO buffer, 32 bytes from the E²PROM are
copied into the SL RC400 control and configuration registers, starting at the given E²PROM starting
byte-address. The LoadConfig-Command can only be started by the µ-Processor. It stops automatically
when all relevant registers have been copied.
Note: It is strictly recommended to use only the described E²PROM address area.
16.6.1.2 Register Assignment
The 32 bytes of E²PROM content, beginning with the E²PROM starting byte-address, is written to the
SL RC400 register 10hex up to register 2Fhex (for the E²PROM memory organisation see 6).
Note: The procedure for the register assignment is the same as it is for the Start Up Initialisation (see 11.3).
The difference is, that the E²PROM starting byte-address for the Start Up Initialisation is fixed to 10hex
(Block 1, Byte 0). With the LoadConfig-Command it can be chosen.
16.6.1.3 Relevant Error Flags for the LoadConfig-Command
Valid E²PROM starting byte-addresses are in the range from 10hex up to 60hex.
16.6.2 CALCCRC COMMAND 12HEX
16.6.2.1 Overview
Command
Codehex
Action
Arguments and Data
Returned Data
CalcCRC
12
Activates the CRC-Coprocessor
Data Byte-Stream
-
The CalcCRC-Command takes all data from the FIFO buffer as input bytes for the CRC-Coprocessor. All
data stored in the FIFO buffer before the command is started will be processed. This command does not
return any data via the FIFO buffer, but the content of the CRC-register can be read back via the
CRCResultLSB-register and the CRCResultMSB-register. The CalcCRC-Command can only be started by
the µ-Processor. It does not stop automatically but has to be stopped explicitly by the µ-Processor with the
Idle-Command. If the FIFO buffer is empty, the CalcCRC-Command waits for further input from the FIFO
buffer.
Note: Do not use this command to calculate the Quit value for I?CODE1 tag’s because this would terminate
the Transceive command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com