Electronic Components Datasheet Search
  English  ▼

X  

SLRC400 Datasheet(PDF) 111 Page - NXP Semiconductors

Part # SLRC400
Description  I쨌CODE Reader IC
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SLRC400 Datasheet(HTML) 111 Page - NXP Semiconductors

Back Button SLRC400 Datasheet HTML 107Page - NXP Semiconductors SLRC400 Datasheet HTML 108Page - NXP Semiconductors SLRC400 Datasheet HTML 109Page - NXP Semiconductors SLRC400 Datasheet HTML 110Page - NXP Semiconductors SLRC400 Datasheet HTML 111Page - NXP Semiconductors SLRC400 Datasheet HTML 112Page - NXP Semiconductors SLRC400 Datasheet HTML 113Page - NXP Semiconductors SLRC400 Datasheet HTML 114Page - NXP Semiconductors SLRC400 Datasheet HTML 115Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 130 page
background image
Philips Semiconductors
Product Specification Rev. 2.0 November 2001
I
•CODE Reader IC
SL RC400
111
Preliminary
17.3.1 IMPEDANCE MATCHING FOR DIRECTLY MATCHED ANTENNAS
To design a matching circuit for a directly matched antenna we recommend to use the circuit shown in 17.1.
The values for the capacitors C1 and C2a, C2b depend on the antenna’s electrical properties and
environmental influences.
The values for the capacitors shown in the table below are guidelines. In fact, they are used as starting
values for the tuning procedure.
Antenna Coil
Inductance [µH]
C1 [pF]
C2a [pF]
C2b [pF]
0.8
27
270
330
0.9
27
270
270
1.0
27
220
270
1.1
27
180 || 22
220
1.2
27
180
180 || 22
1.3
27
180
180
1.4
27
150
180
1.5
27
150
150
1.6
27
120 || 10
150
1.7
27
120
150
1.8
27
120
120
Table 17-2: Capacitance Values for the Matching Circuit
However, for optimum performance, the accurate values have to be found by the tuning, variation of the
capacitance’s C2x and C1.
The above table assumes a stray capacitance of 15 pF of the antenna coil. The capacitors C1 and C2s
should have a NP0 dielectric with a tolerance of +/-2 %.
The actual values of the antenna inductance and capacitance depend on various parameters like:
•
antenna construction (Type of PCB)
•
thickness of conductor
•
distance between the windings
•
shielding layer
•
metal or ferrite in the near environment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com