Electronic Components Datasheet Search
  English  ▼

X  

SLRC400 Datasheet(PDF) 112 Page - NXP Semiconductors

Part # SLRC400
Description  I쨌CODE Reader IC
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SLRC400 Datasheet(HTML) 112 Page - NXP Semiconductors

Back Button SLRC400 Datasheet HTML 108Page - NXP Semiconductors SLRC400 Datasheet HTML 109Page - NXP Semiconductors SLRC400 Datasheet HTML 110Page - NXP Semiconductors SLRC400 Datasheet HTML 111Page - NXP Semiconductors SLRC400 Datasheet HTML 112Page - NXP Semiconductors SLRC400 Datasheet HTML 113Page - NXP Semiconductors SLRC400 Datasheet HTML 114Page - NXP Semiconductors SLRC400 Datasheet HTML 115Page - NXP Semiconductors SLRC400 Datasheet HTML 116Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 130 page
background image
Philips Semiconductors
Product Specification Rev. 2.0 November 2001
I
•CODE Reader IC
SL RC400
112
Preliminary
18
TEST SIGNALS
18.1
General
The SL RC400 allows different kind of signal measurements. These measurements can be used to check the
internally generated and received signals using the possibilities of the serial signal switch as described in
chapter 15.
Furthermore, with the SL RC400 the user may select internal analog signals to measure them at pin AUX
and internal digital signals to observe them on pin SIGOUT by register selections. These measurements can
be helpful during the design-in phase to optimise the receiver’s behaviour or for test purpose.
18.2
Measurements Using the Serial Signal Switch
Using the serial signal switch at pin SIGOUT the user may observe data send to the label or data received
from the label. The following tables give an overview of the different signals available.
SignalToSIGOUT
SIGOUTSelect
Signal routed to SIGOUT pin
0
0
LOW
0
1
HIGH
0
2
Envelope
0
3
Transmit NRZ
0
4
Manchester with Subcarrier
0
5
Manchester
0
6
RFU
0
7
RFU
1
X
Digital Test signal
Table 18-1 Signal routed to SIGOUT pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com