Electronic Components Datasheet Search
  English  ▼

X  

SLRC400 Datasheet(PDF) 108 Page - NXP Semiconductors

Part # SLRC400
Description  I쨌CODE Reader IC
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SLRC400 Datasheet(HTML) 108 Page - NXP Semiconductors

Back Button SLRC400 Datasheet HTML 104Page - NXP Semiconductors SLRC400 Datasheet HTML 105Page - NXP Semiconductors SLRC400 Datasheet HTML 106Page - NXP Semiconductors SLRC400 Datasheet HTML 107Page - NXP Semiconductors SLRC400 Datasheet HTML 108Page - NXP Semiconductors SLRC400 Datasheet HTML 109Page - NXP Semiconductors SLRC400 Datasheet HTML 110Page - NXP Semiconductors SLRC400 Datasheet HTML 111Page - NXP Semiconductors SLRC400 Datasheet HTML 112Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 130 page
background image
Philips Semiconductors
Product Specification Rev. 2.0 November 2001
I
•CODE Reader IC
SL RC400
108
Preliminary
16.6.2.2 CRC-Coprocessor Settings
For the CRC-Coprocessor the following parameters may be configured:
Parameter
Value
Bit
Register
CRC Register Length
8 Bit or 16 Bit CRC
CRC8
ChannelRedundancy
CRC Algorithm
1 = Algorithm according ISO 15693 or according
ISO/IEC3309
0 = algorithm according to I
•CODE1
CRC3309
ChannelRedundancy
Bit-Processing Direction
Shift the MSBit or LSBit first into the CRC-
register
CRCMSBFirst
ChannelRedundancy
CRC Preset Value
Any
CRCPresetLSB,
CRCPresetMSB
CRCPresetLSB,
CRCPresetMSB
Table 16-5: CRC-Coprocessor Parameters
The CRC polynomial for the 8-bit CRC is fixed to
1
2
3
4
8
+
+
+
+
x
x
x
x
.
The CRC polynomial for the 16-bit CRC is fixed to
1
5
12
16
+
+
+
x
x
x
.
16.6.2.3 Status Flags of the CRC-Coprocessor
The status flag CRCReady indicates, that the CRC-Coprocessor has finished processing of all data bytes
found in the FIFO buffer. With the CRCReady flag setting to 1, an interrupt is requested with TxIRq being set.
This supports interrupt driven usage of the CRC-Coprocessor.
When CRCReady and TxIRq are set to 1, respectively, the content of the CRCResultLSB- and
CRCResultMSB-register and the flag CRCErr is valid.
The CRCResultLSB- and CRCResultMSB-register hold the content of the CRC register, the CRCErr flag
indicates CRC validity for the processed data.
16.7
Error Handling during Command Execution
If any error is detected during command execution, this is shown by setting the status flag Err in the
PrimaryStatus Register. For information about the cause of the error, the µ-Processor may evaluate the
status flags in the ErrorFlag Register.
Error Flag of the ErrorFlag Register
Related to Command
AccessError
WriteE2, ReadE2, LoadConfig
FIFOOvl
Not related to a command
CRCErr
Receive, Transceive, CalcCRC
FramingErr
Receive, Transceive
CollErr
Receive, Transceive
Table 16-6: Error Flags Overview



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com