Electronic Components Datasheet Search
  English  ▼

X  

SLRC400 Datasheet(PDF) 118 Page - NXP Semiconductors

Part # SLRC400
Description  I쨌CODE Reader IC
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SLRC400 Datasheet(HTML) 118 Page - NXP Semiconductors

Back Button SLRC400 Datasheet HTML 114Page - NXP Semiconductors SLRC400 Datasheet HTML 115Page - NXP Semiconductors SLRC400 Datasheet HTML 116Page - NXP Semiconductors SLRC400 Datasheet HTML 117Page - NXP Semiconductors SLRC400 Datasheet HTML 118Page - NXP Semiconductors SLRC400 Datasheet HTML 119Page - NXP Semiconductors SLRC400 Datasheet HTML 120Page - NXP Semiconductors SLRC400 Datasheet HTML 121Page - NXP Semiconductors SLRC400 Datasheet HTML 122Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 130 page
background image
Philips Semiconductors
Product Specification Rev. 2.0 November 2001
I
•CODE Reader IC
SL RC400
118
Preliminary
19.4
Pin Characteristics
19.4.1 INPUT PIN CHARACTERISTICS
Pins D0 to D7, A0 and A1 have TTL input characteristics and behave as defined in the following table.
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
ILeak
Input Leakage Current
-1.0
+1.0
µA
VT
Threshold
0.8
2.0
V
Table 19-4: Standard Input Pin Characteristics
The digital input pins NCS, NWR, NRD, ALE and A2 have Schmitt-Trigger characteristics, and behave as
defined in the following table.
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
ILeak
Input Leakage Current
-1.0
+1.0
µA
VT+
Positive-Going Threshold
1.4
2.0
V
VT-
Negative-Going Threshold
0.8
1.3
V
Table 19-5: Schmitt-Trigger Input Pin Characteristics
Pin RSTPD has Schmitt-Trigger CMOS characteristics. In addition, it is internally filtered with an RC-low-
pass filter, which causes a relevant propagation delay for the reset signal:
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
ILeak
Input Leakage Current
-1.0
+1.0
µA
VT+
Positive-Going Threshold
0.65 DVDD
0.75 DVDD
V
VT-
Negative-Going Threshold
0.25 DVDD
0.4 DVDD
V
tRSTPD,p
Propagation Delay
20
µs
Table 19-6: RSTPD Input Pin Characteristics
The analog input pin RX has the following input capacitance:
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
CRX
Input Capacitance
15
pF
Table 19-7: RX Input Capacitance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com