Electronic Components Datasheet Search
  English  ▼

X  

SLRC400 Datasheet(PDF) 119 Page - NXP Semiconductors

Part # SLRC400
Description  I쨌CODE Reader IC
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SLRC400 Datasheet(HTML) 119 Page - NXP Semiconductors

Back Button SLRC400 Datasheet HTML 115Page - NXP Semiconductors SLRC400 Datasheet HTML 116Page - NXP Semiconductors SLRC400 Datasheet HTML 117Page - NXP Semiconductors SLRC400 Datasheet HTML 118Page - NXP Semiconductors SLRC400 Datasheet HTML 119Page - NXP Semiconductors SLRC400 Datasheet HTML 120Page - NXP Semiconductors SLRC400 Datasheet HTML 121Page - NXP Semiconductors SLRC400 Datasheet HTML 122Page - NXP Semiconductors SLRC400 Datasheet HTML 123Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 130 page
background image
Philips Semiconductors
Product Specification Rev. 2.0 November 2001
I
•CODE Reader IC
SL RC400
119
Preliminary
19.4.2 DIGITAL OUTPUT PIN CHARACTERISTICS
Pins D0 to D7, SIGOUT and IRQ have TTL output characteristics and behave as defined in the following
table.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
DVDD = 5 V, IOH = -1 mA
2.4
4.9
V
VOH
Output Voltage HIGH
DVDD = 5 V, IOH = -10 mA
2.4
4.2
V
DVDD = 5 V, IOL = 1 mA
25
400
mV
VOL
Output Voltage LOW
DVDD = 5 V, IOL = 10 mA
250
400
mV
IO
Output Current source or sink
DVDD = 5 V
10
mA
Table 19-8:Digital Output Pin Characteristics
Note: IRQ pin may also be configured as open collector. In that case the values for VOH do not apply.
19.4.3 ANTENNA DRIVER OUTPUT PIN CHARACTERISTICS
The source conductance of the antenna driver pins TX1 and TX2 for driving the HIGH level can be
configured via GsCfgCW in the CwConductance Register, while their source conductance for driving the
LOW level is constant.
For the default configuration, the output characteristic is specified below:
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
TVDD = 5.0 V, IOL = 20 mA
4.97
V
VOH
Output Voltage HIGH
TVDD = 5.0 V, IOL = 100 mA
4.85
V
TVDD = 5.0 V, IOL = 20 mA
30
mV
VOL
Output Voltage LOW
TVDD = 5.0 V, IOL = 100 mA
150
mV
ITX
Transmitter Output Current
Continuous Wave
200
mApeak
Table 19-9:Antenna Driver Output Pin Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com