Electronic Components Datasheet Search
  English  ▼

X  

SLRC400 Datasheet(PDF) 123 Page - NXP Semiconductors

Part # SLRC400
Description  I쨌CODE Reader IC
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SLRC400 Datasheet(HTML) 123 Page - NXP Semiconductors

Back Button SLRC400 Datasheet HTML 119Page - NXP Semiconductors SLRC400 Datasheet HTML 120Page - NXP Semiconductors SLRC400 Datasheet HTML 121Page - NXP Semiconductors SLRC400 Datasheet HTML 122Page - NXP Semiconductors SLRC400 Datasheet HTML 123Page - NXP Semiconductors SLRC400 Datasheet HTML 124Page - NXP Semiconductors SLRC400 Datasheet HTML 125Page - NXP Semiconductors SLRC400 Datasheet HTML 126Page - NXP Semiconductors SLRC400 Datasheet HTML 127Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 130 page
background image
Philips Semiconductors
Product Specification Rev. 2.0 November 2001
I
•CODE Reader IC
SL RC400
123
Preliminary
19.5.2.3 Bus Timing for EPP
SYMBOL
PARAMETER
MIN
MAX
UNIT
tLLLH
nAStrb pulse width
20
ns
tAVLH
Multiplexed Address Bus valid to nAStrb high (Set Up Time)
15
ns
tLHAX
Multiplexed Address Bus valid after nAStrb high (Hold Time)
8
ns
tCLSL
NCS low to nDStrb low
0
ns
tSHCH
nDStrb high to NCS high
0
ns
tSLDV,R
nDStrb low to DATA valid (read cycle)
65
ns
tSHDZ
nDStrb low to DATA high impedance (read cycle)
20
ns
tSLDV,W
nDStrb low to DATA valid (write cycle, Set up Time)
35
ns
tSHDX
DATA hold after nDStrb high (write cycle, Hold Time)
8
ns
tSHRX
nWrite hold after nDStrb high
8
ns
tSLSH
nDStrb pulse width
65
ns
tRVSL
nWrite valid to nDStrb low
8
ns
tSLWH
nDStrb low to nWait high
75
ns
tSHWL
nDStrb high to nWait low
75
ns
Table 19-12: Timing Specification for Common Read/Write Strobe
Remark: The figure does not distinguish between the Address Write Cycle and a Data Write Cycle. Take in
account, that timings for the Address Write and Data Write Cycle different. For the EPP-Mode the address
lines A0 to A2 have to be connected as described in 4.3.
NCS
t
CLSL
t
SHDX
t
SHDZ
D0 ... D7
D0 ... D7
A0 ... A7
t
SLDV,R
t
SLDV,W
nDStrb
nAStrb
t
SLSH
nWrite
nWait
t
SLWH
t
SHWL
t
RVSL
t
SHRX
t
SHCH
Figure 19-3: Timing Diagram for Common Read/Write Strobe



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com