Electronic Components Datasheet Search
  English  ▼

X  

SLRC400 Datasheet(PDF) 125 Page - NXP Semiconductors

Part # SLRC400
Description  I쨌CODE Reader IC
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SLRC400 Datasheet(HTML) 125 Page - NXP Semiconductors

Back Button SLRC400 Datasheet HTML 121Page - NXP Semiconductors SLRC400 Datasheet HTML 122Page - NXP Semiconductors SLRC400 Datasheet HTML 123Page - NXP Semiconductors SLRC400 Datasheet HTML 124Page - NXP Semiconductors SLRC400 Datasheet HTML 125Page - NXP Semiconductors SLRC400 Datasheet HTML 126Page - NXP Semiconductors SLRC400 Datasheet HTML 127Page - NXP Semiconductors SLRC400 Datasheet HTML 128Page - NXP Semiconductors SLRC400 Datasheet HTML 129Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 130 page
background image
Philips Semiconductors
Product Specification Rev. 2.0 November 2001
I
•CODE Reader IC
SL RC400
125
Preliminary
20
E
2PROM CHARACTERISTICS
The E²PROM has a size of 8x16x8 = 1.024 bit.
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
tEEEndurance
Data Endurance
100.000
erase/write cycles
tEERetention
Data Retention
Tamb
≤ 55°C
10
years
tEEErase
Erase Time
2.9
ms
tEEWrite
Write Time
2.9
ms
Table 20-1:E²PROM Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com