Electronic Components Datasheet Search
  English  ▼

X  

6V7 Datasheet(PDF) 34 Page - Renesas Technology Corp

Part # 6V7
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

6V7 Datasheet(HTML) 34 Page - Renesas Technology Corp

Back Button 6V7 Datasheet HTML 30Page - Renesas Technology Corp 6V7 Datasheet HTML 31Page - Renesas Technology Corp 6V7 Datasheet HTML 32Page - Renesas Technology Corp 6V7 Datasheet HTML 33Page - Renesas Technology Corp 6V7 Datasheet HTML 34Page - Renesas Technology Corp 6V7 Datasheet HTML 35Page - Renesas Technology Corp 6V7 Datasheet HTML 36Page - Renesas Technology Corp 6V7 Datasheet HTML 37Page - Renesas Technology Corp 6V7 Datasheet HTML 38Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 298 page
background image
Rev.1.00
May 18, 2004
page 34 of 296
M306V7MG/MH/MJ/MJA-XXXFP, M306V7FG/FH/FJ/FJAFP
(9) Software wait
A software wait can be inserted by setting the bits 4 to 7 of the chip select control register (address
000816).
Software waits can be set independently for each of the 4 areas selected using the chip select signal.
_______
_______
Bits 4 to 7 of the chip select control register correspond to chip selects CS0 to CS3. When one of these
bits is set to “1”, the bus cycle is executed in one BCLK cycle. When set to “0”, the bus cycle is
executed in two BCLK cycles. These bits default to “0” after the microcomputer has been reset. These
bits default to “0” after the microcomputer has been reset.
The SFR area and the OSD RAM area are always accessed in two BCLK cycles regardless of the
setting of these control bits.
Table 2.4.9 shows the software wait and bus cycles. Figure 2.4.7 shows example bus timing when
using software waits.
Note: Before attempting to change the contents of the processor mode register 1, set bit 1 of the
protect register (address 000A16) to “1”.
Table 2.4.9 Software waits and bus cycles
Area
Bits 4 to 7 of chip select
control register
Bus cycle
External
memory
area
1
1 BCLK cycle
0
2 BCLK cycles
SFR/
OSD RAM
Internal
ROM/RAM
Invalid
1 BCLK cycle
Invalid
2 BCLK cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com