| Electronic Components Datasheet Search |
|
6V7 Datasheet(PDF) 37 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
6V7 Datasheet(HTML) 37 Page - Renesas Technology Corp |
|
37 / 298 page ![]() Rev.1.00 May 18, 2004 page 37 of 296 M306V7MG/MH/MJ/MJA-XXXFP, M306V7FG/FH/FJ/FJAFP Figure 2.5.2 Examples of sub-clock 2.5.1 Example of Oscillator Circuit Figure 2.5.1 shows some examples of the main clock circuit, one using an oscillator connected to the circuit, and the other one using an externally derived clock for input. Figure 2.5.2 shows some examples of sub-clock circuits, one using an oscillator connected to the circuit, and the other one using an externally derived clock for input. Circuit constants in Figures 2.5.1 and 2.5.2 vary with each oscillator used. Use the values recommended by the manufacturer of your oscillator. Figure 2.5.1 Examples of main clock Microcomputer (Built-in feedback resistor) XIN XOUT Externally derived clock Open Vcc Vss Microcomputer (Built-in feedback resistor) XIN XOUT Rd CIN COUT (Note) Note: Insert a damping resistor if required. The resistance will vary depending on the oscillator and the oscillation drive capacity setting. Use the value recommended by the maker of the oscillator. When the oscillation drive capacity is set to low, check that oscillation is stable. When being specified to connect a feedback resistor externally by the manufacture, connect a feedback resistor between pins XIN and XOUT. Microcomputer (Built-in feedback resistor) XCIN XCOUT Externally derived clock Open Vcc Vss Note 1. Insert a damping resistor if required. The resistance will vary depending on the oscillator. Use the value recommended by the maker of the oscillator. When being specified to connect a feedback resistor externally by the manufacture, connect a feedback resistor between pins XCIN and XCOUT. Microcomputer (Built-in feedback resistor) XCIN XCOUT (Note) CCIN CCOUT RCd 2. Since the waveform and amplitude of sub clock tend to be influenced of substrate capacity etc. Surely, request the oscillation characteristic investigation by the real board from oscillation maker, and use the oscillation circuit constant recommended. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |