Electronic Components Datasheet Search
  English  ▼

X  

6V7 Datasheet(PDF) 89 Page - Renesas Technology Corp

Part # 6V7
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

6V7 Datasheet(HTML) 89 Page - Renesas Technology Corp

Back Button 6V7 Datasheet HTML 85Page - Renesas Technology Corp 6V7 Datasheet HTML 86Page - Renesas Technology Corp 6V7 Datasheet HTML 87Page - Renesas Technology Corp 6V7 Datasheet HTML 88Page - Renesas Technology Corp 6V7 Datasheet HTML 89Page - Renesas Technology Corp 6V7 Datasheet HTML 90Page - Renesas Technology Corp 6V7 Datasheet HTML 91Page - Renesas Technology Corp 6V7 Datasheet HTML 92Page - Renesas Technology Corp 6V7 Datasheet HTML 93Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 298 page
background image
Rev.1.00
May 18, 2004
page 89 of 296
M306V7MG/MH/MJ/MJA-XXXFP, M306V7FG/FH/FJ/FJAFP
Figure 2.10.13 Timer Ai mode register in one-shot timer mode (i = 0 to 4)
(3) One-shot timer mode
In this mode, the timer operates only once. (See Table 2.10.3.) When a trigger occurs, the timer starts up
and continues operating for a given period. Figure 2.10.13 shows the timer Ai mode register in one-shot
timer mode.
Table 2.10.3 Timer specifications in one-shot timer mode
Item
Specification
Count source
f1, f8, f32, fC32
Count operation
• The timer counts down
• When the count reaches 000016, the timer stops counting after reloading a new count
• If a trigger occurs when counting, the timer reloads a new count and restarts counting
Divide ratio
1/n
n : Set value
Count start condition
• The timer overflows
• The one-shot start flag is set (= 1)
Count stop condition
• A new count is reloaded after the count has reached 000016
• The count start flag is reset (= 0)
Interrupt request generation timing
The count reaches 000016
TA2OUT/TA3OUT pin function Programmable I/O port or pulse output
Read from timer
When timer Ai register is read, it indicates an indeterminate value
Write to timer
• When counting stopped
When a value is written to timer Ai register, it is written to both reload register and
counter
• When counting in progress
When a value is written to timer Ai register, it is written to only reload register
(Transferred to counter at next reload time)
Bit name
Timer Ai mode register
Symbol
Address
When reset
TAiMR(i = 0 to 4)
039616 to 039A16
0016
Function
Bit symbol
b7
b6
b5
b4
b3
b2
b1
b0
Operation mode select bit
1 0 : One-shot timer mode
b1 b0
TMOD1
TMOD0
MR0
Pulse output function
select bit
(Note 2)
0 : Pulse is not output
(TA2OUT/TA3OUT pin is a normal port pin)
1 : Pulse is output (Note 1)
(TA2OUT/TA3OUT pin is a pulse output pin)
Reserved bits
10
0
Must always be set to “0”
W
R
0
MR3
0 (Must always be “0” in one-shot timer mode)
0 0 : f1
0 1 : f8
1 0 : f32
1 1 : fC32
b7 b6
TCK1
TCK0
Count source select bit
MR2
Trigger select bit
0 : Count start flag is valid
1 : Selected by event/trigger select register
Notes 1 : The settings of the corresponding port register and port direction register
are invalid.
2 : This bit of TAiMR (i = 0, 1, 4) must always be set to “0.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com