Electronic Components Datasheet Search
  English  ▼

X  

6V7 Datasheet(PDF) 69 Page - Renesas Technology Corp

Part # 6V7
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

6V7 Datasheet(HTML) 69 Page - Renesas Technology Corp

Back Button 6V7 Datasheet HTML 65Page - Renesas Technology Corp 6V7 Datasheet HTML 66Page - Renesas Technology Corp 6V7 Datasheet HTML 67Page - Renesas Technology Corp 6V7 Datasheet HTML 68Page - Renesas Technology Corp 6V7 Datasheet HTML 69Page - Renesas Technology Corp 6V7 Datasheet HTML 70Page - Renesas Technology Corp 6V7 Datasheet HTML 71Page - Renesas Technology Corp 6V7 Datasheet HTML 72Page - Renesas Technology Corp 6V7 Datasheet HTML 73Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 298 page
background image
Rev.1.00
May 18, 2004
page 69 of 296
M306V7MG/MH/MJ/MJA-XXXFP, M306V7FG/FH/FJ/FJAFP
Figure 2.8.3 Watchdog timer start register
Watchdog timer start register
Symbol
Address
When reset
WDTS
000E16
Indeterminate
W
R
b7
b0
Function
The watchdog timer is initialized and starts counting after a write instruction to
this register. The watchdog timer value is always initialized to “7FFF 16”
regardless of whatever value is written.
BCLK
Write to the watchdog timer
start register
(address 000E 16)
RESET
Watchdog timer
interrupt request
Watchdog timer
Set to
“7FFF16”
1/128
1/16
“CM07 = 0”
“WDC7 = 1”
“CM07 = 0”
“WDC7 = 0”
“CM07 = 1”
HOLD
1/2
Prescaler
Figure 2.8.1 Block diagram of watchdog timer
Figure 2.8.2 Watchdog timer control register
Watchdog timer control register
Symbol
Address
When reset
WDC
000F16
000?????2
Function
Bit symbol
W
R
b7
b6
b5
b4
b3
b2
b1
b0
High-order bit of watchdog timer
WDC7
Bit name
Prescaler select bit
0 : Divided by 16
1 : Divided by 128
Reserved bits
Must always be set to “0”
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com