| Electronic Components Datasheet Search |
|
6V7 Datasheet(PDF) 100 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
6V7 Datasheet(HTML) 100 Page - Renesas Technology Corp |
|
100 / 298 page ![]() Rev.1.00 May 18, 2004 page 100 of 296 M306V7MG/MH/MJ/MJA-XXXFP, M306V7FG/FH/FJ/FJAFP Notes 1: Only when clock synchronous serial I/O mode. 2: Only when clock synchronous serial I/O mode and 8-bit UART mode. UART0 UART2 Function CLK polarity selection Continuous receive mode selection LSB first / MSB first selection Impossible Transfer clock output from multiple pins selection Impossible Impossible Serial data logic switch Impossible TxD, RxD I/O polarity switch Possible CMOS output TxD, RxD port output format N-channel open-drain output Impossible Parity error signal output Impossible Bus collision detection Possible Possible (Note 1) Possible (Note 1) Possible (Note 1) Possible (Note 1) Possible (Note 2) Possible (Note 1) Possible Possible Table 2.11.1 Comparison of functions of UART0 and UART2 2.11 Serial I/O Serial I/O is configured as 4 unites: UART0, UART2, multi-master I2C-BUS interface 0, and multi-master I2C-BUS interface 1. 2.11.1 UART0 and UART2 UART0 and UART2 each have an exclusive timer to generate a transfer clock, so they operate indepen- dently of each other. Figure 2.11.1 shows the block diagram of UART0 and UART2. Figures 2.11.2 and 2.11.3 show the block diagram of the transmit/receive unit. UARTi (i = 0 and 2) has two operation modes: a clock synchronous serial I/O mode and a clock asynchronous serial I/O mode (UART mode). The contents of the serial I/O mode select bits (bits 0 to 2 at addresses 03A016 and 037816) determine whether UARTi is used as a clock synchronous serial I/O or as a UART. Although a few functions are different, UART0 and UART2 have almost the same functions. UART0 and UART2 are almost equal in their functions with minor exceptions. UART2, in particular, also has the bus collision detection function that generates an interrupt request if the TxD pin and the RxD pin are different in level. Table 2.11.1 shows the comparison of functions of UART0 and UART2, and Figures 2.11.4 to 2.11.13 show the registers related to UARTi. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |