Electronic Components Datasheet Search
  English  ▼

X  

6V7 Datasheet(PDF) 29 Page - Renesas Technology Corp

Part # 6V7
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

6V7 Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button 6V7 Datasheet HTML 25Page - Renesas Technology Corp 6V7 Datasheet HTML 26Page - Renesas Technology Corp 6V7 Datasheet HTML 27Page - Renesas Technology Corp 6V7 Datasheet HTML 28Page - Renesas Technology Corp 6V7 Datasheet HTML 29Page - Renesas Technology Corp 6V7 Datasheet HTML 30Page - Renesas Technology Corp 6V7 Datasheet HTML 31Page - Renesas Technology Corp 6V7 Datasheet HTML 32Page - Renesas Technology Corp 6V7 Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 298 page
background image
Rev.1.00
May 18, 2004
page 29 of 296
M306V7MG/MH/MJ/MJA-XXXFP, M306V7FG/FH/FJ/FJAFP
2.4.4 Bus Control
The following explains the signals required for accessing external devices. The signals required for ac-
cessing the external devices are valid when the processor mode is set to memory expansion mode and
microprocessor mode.
(1) Address bus/data bus
The address bus consists of the 20 pins A0 to A19 for accessing the 1M bytes of address space.
The data bus consists of the pins for data I/O. When the BYTE pin is “H”, the 8 ports D0 to D7 function
as the data bus. When BYTE is “L”, the 16 ports D0 to D15 function as the data bus.
When a change is made from single-chip mode to memory expansion mode, the value of the address
bus is undefined until external memory is accessed.
(2) Chip select signal
The chip select signal is output using the same pins as P44 to P47. Bits 0 to 3 of the chip select control
register (address 000816) set each pin to function as a port or to output the chip select signal. The chip
select control register is valid in memory expansion mode and microprocessor mode. In single-chip
mode, P44 to P47 function as programmable I/O ports regardless of the value in the chip select control
register.
_______
In microprocessor mode, only CS0 outputs the chip select signal after the reset state has been can-
_______
_______
celled. CS1 to CS3 function as input ports. Figure 2.4.4 shows the chip select control register.
The chip select signal can be used to split the external area into as many as four blocks. Table 2.4.3
shows the external memory areas specified using the chip select signal.
Table 2.4.3 External areas specified by the chip select signals
Chip select
Specified address range
Memory expansion mode
Microprocessor mode
1800016 to 3FFFF16 (160K)
CS0
CS1
CS2
CS3
1000016 to 17FFF16 (32K)
0C00016 to 0FFFF16 (16K)
0800016 to 0BFFF16 (16K)
1800016 to 3FFFF16 (160K), 60000 16 to FFFFF16 (640K)
1000016 to 17FFF16 (32K)
0C00016 to 0FFFF16 (16K)
0800016 to 0BFFF16 (16K)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com