Electronic Components Datasheet Search
  English  ▼

X  

6V7 Datasheet(PDF) 95 Page - Renesas Technology Corp

Part # 6V7
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

6V7 Datasheet(HTML) 95 Page - Renesas Technology Corp

Back Button 6V7 Datasheet HTML 91Page - Renesas Technology Corp 6V7 Datasheet HTML 92Page - Renesas Technology Corp 6V7 Datasheet HTML 93Page - Renesas Technology Corp 6V7 Datasheet HTML 94Page - Renesas Technology Corp 6V7 Datasheet HTML 95Page - Renesas Technology Corp 6V7 Datasheet HTML 96Page - Renesas Technology Corp 6V7 Datasheet HTML 97Page - Renesas Technology Corp 6V7 Datasheet HTML 98Page - Renesas Technology Corp 6V7 Datasheet HTML 99Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 298 page
background image
Rev.1.00
May 18, 2004
page 95 of 296
M306V7MG/MH/MJ/MJA-XXXFP, M306V7FG/FH/FJ/FJAFP
Item
Specification
Count source
• External signals input to TBiIN pin
• Effective edge of count source can be a rising edge, a falling edge, or falling and
rising edges as selected by software
• TBj overflow
Count operation
• Counts down
• When the timer underflows, it reloads the reload register contents before continuing
counting
Divide ratio
1/(n+1)
n : Set value
Count start condition
Count start flag is set (= 1)
Count stop condition
Count start flag is reset (= 0)
Interrupt request generation timing The timer underflows
TBiIN pin function
Count source input
Read from timer
Count value can be read out by reading timer Bi register
Write to timer
• When counting stopped
When a value is written to timer Bi register, it is written to both reload register and counter
• When counting in progress
When a value is written to timer Bi register, it is written to only reload register
(Transferred to counter at next reload time)
Table 2.10.6 Timer specifications in event counter mode
Figure 2.10.22 Timer Bi mode register in event counter mode (i = 0 to 2)
(2) Event counter mode
In this mode, the timer counts an external signal or an internal timer’s overflow. (See Table 2.10.6) Figure
2.10.22 shows the timer Bi mode register in event counter mode.
Timer Bi mode register
Symbol
Address
When reset
TBiMR(i=0 to 2)
039B16 to 039D16
00?X00002
Bit name
Function
Bit symbol
W
R
b7
b6
b5
b4
b3
b2
b1
b0
Operation mode select bit
0 1 : Event counter mode
b1 b0
TMOD1
TMOD0
MR0
Count polarity select
bit (Note 1)
MR2
MR1
MR3
TCK1
TCK0
01
0 0 : Counts external signal's falling
edges
0 1 : Counts external signal's rising
edges
1 0 : Counts external signal's falling
and rising edges
1 1 : Inhibited
b3 b2
Notes 1: Valid only when input from the TBiIN pin is selected as the event clock.
If timer's overflow is selected, this bit can be “0” or “1”.
2: Timer B0.
3: Timer B1, timer B2.
Invalid in event counter mode.
Can be “0” or “1”.
Event clock select
0 : Input from TBiIN pin (Note 4)
1 : TBj overflow
(j = i – 1; however, j = 2 when i = 0)
0 (Fixed to “0” in event counter mode; i = 0)
(Note 2)
(Note 3)
Invalid in timer mode.
In an attempt to write to this bit, write “0.” The value, if read in
event counter mode, turns out to be indeterminate.
Nothing is assigned (i = 1, 2).
In an attempt to write to this bit, write “0.” The value, if read, turns out to
be indeterminate.
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com