Electronic Components Datasheet Search
  English  ▼

X  

6V7 Datasheet(PDF) 90 Page - Renesas Technology Corp

Part # 6V7
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

6V7 Datasheet(HTML) 90 Page - Renesas Technology Corp

Back Button 6V7 Datasheet HTML 86Page - Renesas Technology Corp 6V7 Datasheet HTML 87Page - Renesas Technology Corp 6V7 Datasheet HTML 88Page - Renesas Technology Corp 6V7 Datasheet HTML 89Page - Renesas Technology Corp 6V7 Datasheet HTML 90Page - Renesas Technology Corp 6V7 Datasheet HTML 91Page - Renesas Technology Corp 6V7 Datasheet HTML 92Page - Renesas Technology Corp 6V7 Datasheet HTML 93Page - Renesas Technology Corp 6V7 Datasheet HTML 94Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 298 page
background image
Rev.1.00
May 18, 2004
page 90 of 296
M306V7MG/MH/MJ/MJA-XXXFP, M306V7FG/FH/FJ/FJAFP
Item
Specification
Count source
f1, f8, f32, fC32
Count operation
• The timer counts down (operating as an 8-bit or a 16-bit pulse width modulator)
• The timer reloads a new count at a rising edge of PWM pulse and continues counting
• The timer is not affected by a trigger that occurs when counting
16-bit PWM
• High level width n / fi
n : Set value
• Cycle time
(216-1) / fi fixed
8-bit PWM
• High level width n ✕ (m+1) / fi n : values set to timer Ai register’s high-order address
• Cycle time
(28-1) ✕ (m+1) / fi
m : values set to timer Ai register’s low-order address
Count start condition
• The timer overflows
• The count start flag is set (= 1)
Count stop condition
• The count start flag is reset (= 0)
Interrupt request generation timing
PWM pulse goes “L”
TA2OUT/TA3OUT pin function Pulse output
Read from timer
When timer Ai register is read, it indicates an indeterminate value
Write to timer
• When counting stopped
When a value is written to timer Ai register, it is written to both reload register and
counter
• When counting in progress
When a value is written to timer Ai register, it is written to only reload register
(Transferred to counter at next reload time)
(4) Pulse width modulation (PWM) mode
In this mode, the timer outputs pulses of a given width in succession. (See Table 2.10.4.) In this mode, the
counter functions as either a 16-bit pulse width modulator or an 8-bit pulse width modulator. Figure 2.10.14
shows the timer Ai mode register in pulse width modulation mode. Figure 2.10.15 shows the example of how
an 8-bit pulse width modulator operates.
Table 2.10.4 Timer specifications in pulse width modulation mode
Figure 2.10.14 Timer Ai mode register in pulse width modulation mode (i = 2 and 3)
Bit name
Timer Ai mode register
Symbol
Address
When reset
TAiMR(i=2 and 3)
039816 and 039916
0016
Function
Bit symbol
b7
b6
b5
b4
b3
b2
b1
b0
Operation mode
select bit
1 1 : PWM mode
b1 b0
TMOD1
TMOD0
MR0
Reserved bits
MR3
0 0 : f1
0 1 : f8
1 0 : f32
1 1 : fC32
b7 b6
TCK1
TCK0
Count source select bit
W
R
11
1
1 (Must always be “1” in PWM mode)
16/8-bit PWM mode
select bit
0: Functions as a 16-bit pulse width modulator
1: Functions as an 8-bit pulse width modulator
Must always be set to “0”
0
MR2
Trigger select bit
0: Count start flag is valid
1: Selected by event/trigger select register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com