Electronic Components Datasheet Search
  English  ▼

X  

6V7 Datasheet(PDF) 99 Page - Renesas Technology Corp

Part # 6V7
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

6V7 Datasheet(HTML) 99 Page - Renesas Technology Corp

Back Button 6V7 Datasheet HTML 95Page - Renesas Technology Corp 6V7 Datasheet HTML 96Page - Renesas Technology Corp 6V7 Datasheet HTML 97Page - Renesas Technology Corp 6V7 Datasheet HTML 98Page - Renesas Technology Corp 6V7 Datasheet HTML 99Page - Renesas Technology Corp 6V7 Datasheet HTML 100Page - Renesas Technology Corp 6V7 Datasheet HTML 101Page - Renesas Technology Corp 6V7 Datasheet HTML 102Page - Renesas Technology Corp 6V7 Datasheet HTML 103Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 298 page
background image
Rev.1.00
May 18, 2004
page 99 of 296
M306V7MG/MH/MJ/MJA-XXXFP, M306V7FG/FH/FJ/FJAFP
(4) TB0IN noise filter
The input signal of pin TB0IN has the noise filter. The ON/OFF of noise filter and selection of filter clock
are set by bits 2 to 4 of the peripheral mode register.
Note: When using the noise filter, set bit 7 of the peripheral mode register according to the main clock
frequency.
Figure 2.10.27 Peripheral mode register
W
R
b7
b6
b5
b4
b3
b2
b1
b0
BSEL1
BSEL0
WSEL0
NFON
WSEL1
SSCK
0 0 :
0 1 : SCL1, SDA1
1 0 : SCL2, SDA2
1 1 : SCL1 and SDA1, SCL2 and SDA2
0 1 : 8ms
(The removable maximum bus width = 32ms)
1 0 : 16ms
(The removable maximum bus width = 64ms)
1 1 : 32ms
(The removable maximum bus width = 128ms)
b1 b0
0 0 : 0.25ms
(The removable maximum bus width = 1ms)
b3 b2
0 : Noise filter OFF
1 : Noise filter ON
0 : f(XIN)=10MHz
1 : f(XIN)=16MHz
Must always be set to “0”
SymbolAddressWhen reset
PM
00
I2C-BUS interface port
selection bit
TB0IN pin noise filter clock
selection bit
TB0IN pin noise filter ON/OFF
selection bit
Reserved bit
Main clock frequency
selection bit
027D16
0016
Function
Bit symbol
Bit name



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com