Electronic Components Datasheet Search
  English  ▼

X  

6V7 Datasheet(PDF) 78 Page - Renesas Technology Corp

Part # 6V7
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

6V7 Datasheet(HTML) 78 Page - Renesas Technology Corp

Back Button 6V7 Datasheet HTML 74Page - Renesas Technology Corp 6V7 Datasheet HTML 75Page - Renesas Technology Corp 6V7 Datasheet HTML 76Page - Renesas Technology Corp 6V7 Datasheet HTML 77Page - Renesas Technology Corp 6V7 Datasheet HTML 78Page - Renesas Technology Corp 6V7 Datasheet HTML 79Page - Renesas Technology Corp 6V7 Datasheet HTML 80Page - Renesas Technology Corp 6V7 Datasheet HTML 81Page - Renesas Technology Corp 6V7 Datasheet HTML 82Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 298 page
background image
Rev.1.00
May 18, 2004
page 78 of 296
M306V7MG/MH/MJ/MJA-XXXFP, M306V7FG/FH/FJ/FJAFP
2.9.3 DMA Enable Bit
Setting the DMA enable bit to 1 makes the DMAC active. The DMAC carries out the following operations
at the time data transfer starts immediately after DMAC is turned active.
(1) Reloads the value of one of the source pointer and the destination pointer - the one specified for the
forward direction - to the forward direction address pointer.
(2) Reloads the value of the transfer counter reload register to the transfer counter.
Thus overwriting 1 to the DMA enable bit with the DMAC being active carries out the operations given
above, so the DMAC operates again from the initial state at the instant 1 is overwritten to the DMA
enable bit.
2.9.4 DMA Request Bit
The DMAC can generate a DMA transfer request signal triggered by a factor chosen in advance out of
DMA request factors for each channel.
DMA request factors include the following.
* Factors effected by using the interrupt request signals from the built-in peripheral functions and software
DMA factors (internal factors) effected by a program.
* External factors effected by utilizing the input from external interrupt signals.
For the selection of DMA request factors, see the descriptions of the DMAi factor selection register.
The DMA request bit turns to 1 if the DMA transfer request signal occurs regardless of the DMAC’s state
(regardless of whether the DMA enable bit is set 1 or to 0). It turns to 0 immediately before data transfer
starts.
In addition, it can be set to 0 by use of a program, but cannot be set to 1.
There can be instances in which a change in DMA request factor selection bit causes the DMA request bit
to turn to 1. So be sure to set the DMA request bit to 0 after the DMA request factor selection bit is
changed.
The DMA request bit turns to 1 if a DMA transfer request signal occurs, and turns to 0 immediately before
data transfer starts. If the DMAC is active, data transfer starts immediately, so the value of the DMA
request bit, if read by use of a program, turns out to be 0 in most cases. To examine whether the DMAC
is active, read the DMA enable bit.
Here follows the timing of changes in the DMA request bit.
(1) Internal factors
Except the DMA request factors triggered by software, the timing for the DMA request bit to turn to 1
due to an internal factor is the same as the timing for the interrupt request bit of the interrupt control
register to turn to 1 due to several factors.
Turning the DMA request bit to 1 due to an internal factor is timed to be effected immediately before
the transfer starts.
(2) External factors
_______
An external factor is a factor caused to occur by the leading edge of input from the INTi pin (i depends
on which DMAC channel is used).
_______
Selecting the INTi pins as external factors using the DMA request factor selection bit causes input
from these pins to become the DMA transfer request sig=ls.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com