Electronic Components Datasheet Search
  English  ▼

X  

6V7 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # 6V7
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

6V7 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button 6V7 Datasheet HTML 5Page - Renesas Technology Corp 6V7 Datasheet HTML 6Page - Renesas Technology Corp 6V7 Datasheet HTML 7Page - Renesas Technology Corp 6V7 Datasheet HTML 8Page - Renesas Technology Corp 6V7 Datasheet HTML 9Page - Renesas Technology Corp 6V7 Datasheet HTML 10Page - Renesas Technology Corp 6V7 Datasheet HTML 11Page - Renesas Technology Corp 6V7 Datasheet HTML 12Page - Renesas Technology Corp 6V7 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 298 page
background image
Rev.1.00
May 18, 2004
page 9 of 296
M306V7MG/MH/MJ/MJA-XXXFP, M306V7FG/FH/FJ/FJAFP
2. OPERATION OF FUNCTIONAL BLOCKS
This microcomputer accommodates certain units in a single chip. These units include ROM and RAM to
store instructions and data and the central processing unit (CPU) to execute arithmetic/logic operations.
Also included are peripheral units such as timers, serial I/O, D-A converter, DMAC, OSD circuit, data slicer,
A-D converter, and I/O ports.
The following explains each unit.
2.1 Memory
Figure 2.1.1 is a memory map. The address space extends the 1M bytes from address 0000016 to
FFFFF16. From FFFFF16 down is ROM. For example, when M306V7MG-XXXFP is used, there is 256K
bytes of internal ROM from C000016 to FFFFF16. The vector table for fixed interrupts such as the reset
mapped to FFFDC16 to FFFFF16. The starting address of the interrupt routine is stored here. The address
of the vector table for timer interrupts, etc., can be set as desired using the internal register (INTB). See the
section on interrupts for details.
10K bytes of internal RAM is mapped to the space from 02C0016 to 053FF16. In addition to storing data, the
RAM also stores the stack used when calling subroutines and when interrupts are generated.
The SFR area is mapped to 0000016 to 003FF16. This area accommodates the control registers for periph-
eral devices such as I/O ports, A-D converter, serial I/O, and timers, etc. Figures 2.1.2 to 2.1.5 are location
of peripheral unit control registers. Any part of the SFR area that is not occupied is reserved and cannot be
used for other purposes.
The special page vector table is mapped to FFE0016 to FFFDB16. If the starting addresses of subroutines
or the destination addresses of jumps are stored here, subroutine call instructions and jump instructions
can be used as 2-byte instructions, reducing the number of program steps.
In memory expansion mode and microprocessor mode, a part of the spaces are reserved and cannot be
used. The following spaces cannot be used. For example, area shown below cannot be used in M306V7
MG-XXXFP.
• The space between 0140016 and 02BFF16 (in memory expansion and microprocessor modes)
• The space between 0540016 and 07FFF16 (in memory expansion and microprocessor modes)
• The space between 6000016 and BFFFF16 (in memory expansion mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com