| Electronic Components Datasheet Search |
|
6V7 Datasheet(PDF) 20 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
6V7 Datasheet(HTML) 20 Page - Renesas Technology Corp |
|
20 / 298 page ![]() Rev.1.00 May 18, 2004 page 20 of 296 M306V7MG/MH/MJ/MJA-XXXFP, M306V7FG/FH/FJ/FJAFP ____________ 2.3.2 Pin Status When RESET Pin Level is “L” ____________ Table 2.3.1 shows the statuses of the other pins while the RESET pin level is “L”. Figures 2.3.3 and 2.3.4 show the internal status of the microcomputer immediately after the reset is cancelled. ____________ Table 2.3.1 Pin status when RESET pin level is “L” Status CNVSS = VCC CNVSS = VSS BYTE = VSS BYTE = VCC Pin name P0 P1 P2, P3, P40 to P43 P44 P45 to P47 P50 P51 P52 P53 P54 P55 P56 P57 P60 to P63, P67,P7, P82, P83,P86, P87, P9, P102 to P107 Input port (floating) Input port (floating) Input port (floating) Input port (floating) Input port (floating) Input port (floating) Input port (floating) Input port (floating) Input port (floating) Input port (floating) Input port (floating) Input port (floating) Input port (floating) Input port (floating) Data input (floating) Data input (floating) Address output (undefined) BCLK output ALE output (“L” level is output) CS0 output (“H” level is output) WR output (“H” level is output) RD output (“H” level is output) RDY input (floating) Input port (floating) BCLK output BHE output (undefined) HLDA output (The output value depends on the input to the HOLD pin) HOLD input (floating) Data input (floating) Address output (undefined) CS0 output (“H” level is output) Input port (floating) (pull-up resistor is on) Input port (floating) Input port (floating) RDY input (floating) ALE output (“L” level is output) HOLD input (floating) HLDA output (The output value depends on the input to the HOLD pin) RD output (“H” level is output) BHE output (undefined) WR output (“H” level is output) Input port (floating) (pull-up resistor is on) R, G, B, OUT1, OUT2 Output port CVIN1, VHOLD1,HLF1 CVIN2, VHOLD2,HLF2 OSC1/OSCHLF Input/output port OSC2 Input port Output port HSYNC, VSYNC Input port |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |