Electronic Components Datasheet Search
  English  ▼

X  

6V7 Datasheet(PDF) 67 Page - Renesas Technology Corp

Part # 6V7
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

6V7 Datasheet(HTML) 67 Page - Renesas Technology Corp

Back Button 6V7 Datasheet HTML 63Page - Renesas Technology Corp 6V7 Datasheet HTML 64Page - Renesas Technology Corp 6V7 Datasheet HTML 65Page - Renesas Technology Corp 6V7 Datasheet HTML 66Page - Renesas Technology Corp 6V7 Datasheet HTML 67Page - Renesas Technology Corp 6V7 Datasheet HTML 68Page - Renesas Technology Corp 6V7 Datasheet HTML 69Page - Renesas Technology Corp 6V7 Datasheet HTML 70Page - Renesas Technology Corp 6V7 Datasheet HTML 71Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 298 page
background image
Rev.1.00
May 18, 2004
page 67 of 296
M306V7MG/MH/MJ/MJA-XXXFP, M306V7FG/FH/FJ/FJAFP
(5) Notes
When clearing interrupt request bit of interrupt control register, depending on the instruction to be
used, it interrupts and interrupt request bit may not be cleared. Use MOV command, when clear
interrupt request bit, and change interrupt control register. When change interrupt control register in
M16C/60 series and M16C/20 series, interrupt control register be sure to change in the part which
corresponding interrupt request does not generate, and change interrupt control register after chang-
ing interruption into a prohibition state.
The example of a program which clears interrupt request bit in M16C/60 series.
Example 1: The case where interrupt control register is rewritten with a immediate value
FCLR
I
; Interrupt is forbidden
MOV.B
#00H,0055H
; Timer A0 interrupt request bit clear
MOV.W
MEM,R0
; Dummy read
FSET
I
; Interrupt is permitted
Example 2: The case where only interrupt request bit is cleared
FCLR
I
; Interrupt is forbidden
MOV.B
0055H,R0L
; Timer A0 interrupt control register read-out
AND.B
#0F7H,R0L
; Only timer A0 interruption request bit is clear
MOV.B
R0L,0055H
; Timer A0 interrupt control register writing
MOV.W
MEM,R0
; Dummy read
FSET
I
; Interrupt is permitted
There is a dummy read in Example 1 and Example 2 for preventing the set of interrupt permission flag
(I flag) interrupting under the influence of command cue, and performing before the writing of interrupt
control register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com