Electronic Components Datasheet Search
  English  ▼

X  

6V7 Datasheet(PDF) 101 Page - Renesas Technology Corp

Part # 6V7
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

6V7 Datasheet(HTML) 101 Page - Renesas Technology Corp

Back Button 6V7 Datasheet HTML 97Page - Renesas Technology Corp 6V7 Datasheet HTML 98Page - Renesas Technology Corp 6V7 Datasheet HTML 99Page - Renesas Technology Corp 6V7 Datasheet HTML 100Page - Renesas Technology Corp 6V7 Datasheet HTML 101Page - Renesas Technology Corp 6V7 Datasheet HTML 102Page - Renesas Technology Corp 6V7 Datasheet HTML 103Page - Renesas Technology Corp 6V7 Datasheet HTML 104Page - Renesas Technology Corp 6V7 Datasheet HTML 105Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 298 page
background image
Rev.1.00
May 18, 2004
page 101 of 296
M306V7MG/MH/MJ/MJA-XXXFP, M306V7FG/FH/FJ/FJAFP
Figure 2.11.1 Block diagram of UARTi (i = 0 and 2)
RxD0
1 / (n0+1)
1/2
UART 0 bit rate
generator
(address 03A116)
Clock synchronous type
(when internal clock is selected)
UART reception
Clock synchronous type
UART transmission
Clock synchronous type
Clock synchronous type
(when internal clock is selected)
Clock synchronous type
(when external clock is
selected)
Receive
clock
Transmit
clock
CLK0
Clock source selection
CTS0 / RTS0
f1
f8
f32
Reception
control circuit
Transmission
control circuit
Internal
External
Vcc
RTS0
CTS0
TxD0
Transmit/
receive
unit
(UART0)
CLK
polarity
reversing
circuit
CTS/RTS disabled
CTS/RTS disabled
CTS/RTS selected
n0 : Values set to UART0 bit rate generator (BRG0)
n2 : Values set to UART2 bit rate generator (BRG2)
RxD2
Reception
control circuit
Transmission
control circuit
1 / (n2+1)
1/16
1/16
1/2
UART2 bit rate
generator
(address 037916)
Clock synchronous type
(when internal clock is selected)
UART reception
Clock synchronous type
UART transmission
Clock synchronous type
Clock synchronous type
(when internal clock is selected)
Clock synchronous type
(when external clock is
selected)
Receive
clock
Transmit
clock
CLK2
CTS2 / RTS2
f1
f8
f32
Vcc
RTS2
CTS2
TxD2
(UART2)
RxD polarity
reversing circuit
TxD
polarity
reversing
circuit
CTS/RTS disabled
CTS/RTS disabled
CTS/RTS
selected
CLK
polarity
reversing
circuit
Internal
External
Clock source selection
Transmit/
receive
unit
1/16
1/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com