Electronic Components Datasheet Search
  English  ▼

X  

6V7 Datasheet(PDF) 104 Page - Renesas Technology Corp

Part # 6V7
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

6V7 Datasheet(HTML) 104 Page - Renesas Technology Corp

Back Button 6V7 Datasheet HTML 100Page - Renesas Technology Corp 6V7 Datasheet HTML 101Page - Renesas Technology Corp 6V7 Datasheet HTML 102Page - Renesas Technology Corp 6V7 Datasheet HTML 103Page - Renesas Technology Corp 6V7 Datasheet HTML 104Page - Renesas Technology Corp 6V7 Datasheet HTML 105Page - Renesas Technology Corp 6V7 Datasheet HTML 106Page - Renesas Technology Corp 6V7 Datasheet HTML 107Page - Renesas Technology Corp 6V7 Datasheet HTML 108Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 298 page
background image
Rev.1.00
May 18, 2004
page 104 of 296
M306V7MG/MH/MJ/MJA-XXXFP, M306V7FG/FH/FJ/FJAFP
Figure 2.11.4 UARTi transmit buffer register (i = 0 and 2)
b7
b0
(b15)
(b8)
b7
b0
UARTi transmit buffer register
Function
Transmit data (Note)
Nothing is assigned.
In an attempt to write to these bits, write “0.” The value, if read, turns out to be indeterminate.
Symbol
Address
When reset
U0TB
03A316, 03A216
Indeterminate
U2TB
037B16, 037A16
Indeterminate
W
R
Figure 2.11.5 UARTi receive buffer register (i = 0 and 2)
Symbol
Address
When reset
U0RB
03A716, 03A616
Indeterminate
U2RB
037F16, 037E16
Indeterminate
b7
b0
(b15)
(b8)
b7
b0
UARTi receive buffer register
Function
(During UART mode)
Function
(During clock synchronous
serial I/O mode)
Bit name
Bit
symbol
0 : No framing error
1 : Framing error found
0 : No parity error
1 : Parity error found
0 : No error
1 : Error found
Invalid
Invalid
Invalid
OER
FER
PER
SUM
Overrun error flag (Note 1)
Framing error flag (Note 1)
Parity error flag (Note 1)
Error sum flag (Note 1)
0 : No overrun error
1 : Overrun error found
0 : No overrun error
1 : Overrun error found
Nothing is assigned.
In an attempt to write to these bits, write “0.” The value, if read, turns out to be “0.”
Receive data
W
R
Receive data
Reserved bit
Must always be set to “0”
Must always be set to “0”
Notes 1: Bits 15 through 12 are set to “0” when the serial I/O mode select bit (bits 2 to 0 at addresses
03A016 and 037816) are set to “0002” or the receive enable bit is set to “0”.
(Bit 15 is set to “0” when bits 14 to 12 all are set to “0.”) Bits 14 and 13 are also set to “0” when
the lower byte of the UARTi receive buffer register (addresses 03A6 16 and 037E16) is read out.
2: The Receive Buffer Register (received data and error flag) must be read in one operation by
accessing it wordwise.
0
Figure 2.11.6 UARTi bit rate generator (i = 0 and 2)
UARTi bit rate generator
b7
b0
Symbol
Address
When reset
U0BRG
03A116
Indeterminate
U2BRG
037916
Indeterminate
Function
Assuming that set value = n, BRGi divides the count source by
n + 1
0016 to FF16
Values that can be set
W
R
*1 Before writing any value, make sure no transmit or receive operation is forbiddew.
*2 Use the MOV instruction to write to this register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com