Electronic Components Datasheet Search
  English  ▼

X  

6V7 Datasheet(PDF) 155 Page - Renesas Technology Corp

Part # 6V7
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

6V7 Datasheet(HTML) 155 Page - Renesas Technology Corp

Back Button 6V7 Datasheet HTML 151Page - Renesas Technology Corp 6V7 Datasheet HTML 152Page - Renesas Technology Corp 6V7 Datasheet HTML 153Page - Renesas Technology Corp 6V7 Datasheet HTML 154Page - Renesas Technology Corp 6V7 Datasheet HTML 155Page - Renesas Technology Corp 6V7 Datasheet HTML 156Page - Renesas Technology Corp 6V7 Datasheet HTML 157Page - Renesas Technology Corp 6V7 Datasheet HTML 158Page - Renesas Technology Corp 6V7 Datasheet HTML 159Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 298 page
background image
Rev.1.00
May 18, 2004
page 155 of 296
M306V7MG/MH/MJ/MJA-XXXFP, M306V7FG/FH/FJ/FJAFP
Figure 2.12.10 A-D control register 0 in single sweep mode
A-D control register 0 (Note 1)
Symbol
Address
When reset
ADCON0
03D616
00000???2
b7
b6
b5
b4
b3
b2
b1
b0
Analog input pin
select bit
CH0
Bit symbol
Bit name
Function
CH1
CH2
A-D operation mode
select bit 0
1 0 : Single sweep mode
MD0
MD1
ADST
A-D conversion start flag
0 : A-D conversion disabled
1 : A-D conversion started
Frequency select bit 0
0 : fAD/4 is selected
1 : fAD/2 is selected
CKS0
W
R
1 0
Invalid in single sweep mode
b4 b3
Reserved bit
Must always be set to “0”
0
Notes 1: If the A-D control register is rewritten during A-D conversion, the conversion result is
indeterminate.
2: When changing A-D operation mode, set analog input pin again.
3: When selecting fAD/1, always be sure to set this bit to “1”. Also , if f(Xin) exceeds 10 MHz,
lower the
φA-D frequency to 10 MHz or below by dividing it.
(Note 2)
Figure 2.12.11 A-D control register 1 in single sweep mode
A-D control register 1 (Note 1)
Symbol
Address
When reset
ADCON1
03D716
0016
Bit name
Function
Bit symbol
b7
b6
b5
b4
b3
b2
b1
b0
A-D sweep pin select bit
SCAN0
SCAN1
MD2
Reserved bit
Must always be set to “0”
VCUT
Reserved bits
Vref connect bit
0 : Any mode other than repeat sweep mode 1
A-D operation mode
select bit 1
1 : Vref connected
W
R
0
When single sweep and repeat sweep mode 0
are selected
0 0 : Do not set
0 1 : AN 0 and AN1 (2 pins)
1 0 : AN 0 to AN3 (4 pins)
1 1 : AN 0 to AN5 (6 pins)
b1 b0
Must always be set to “0”
1
Frequency select bit 1
0 : fAD/2 or fAD/4 is selected
1 : fAD is selected
CKS1
00
0
Notes 1: If the A-D control register is rewritten during A-D conversion, the conversion result is
indeterminate.
2: When selecting fAD/1, always be sure to set the A-D control register 0 bit 7 (CKS0) to “1”.
Also , if f(Xin) exceeds 10 MHz, lower the
φA-D frequency to 10 MHz or below by dividing it.
(Note 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com