Electronic Components Datasheet Search
  English  ▼

X  

6V7 Datasheet(PDF) 197 Page - Renesas Technology Corp

Part # 6V7
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

6V7 Datasheet(HTML) 197 Page - Renesas Technology Corp

Back Button 6V7 Datasheet HTML 193Page - Renesas Technology Corp 6V7 Datasheet HTML 194Page - Renesas Technology Corp 6V7 Datasheet HTML 195Page - Renesas Technology Corp 6V7 Datasheet HTML 196Page - Renesas Technology Corp 6V7 Datasheet HTML 197Page - Renesas Technology Corp 6V7 Datasheet HTML 198Page - Renesas Technology Corp 6V7 Datasheet HTML 199Page - Renesas Technology Corp 6V7 Datasheet HTML 200Page - Renesas Technology Corp 6V7 Datasheet HTML 201Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 197 / 298 page
background image
Rev.1.00
May 18, 2004
page 197 of 296
M306V7MG/MH/MJ/MJA-XXXFP, M306V7FG/FH/FJ/FJAFP
(2) OSD RAM (OSD RAM for character, addresses 040016 to 0EFF16)
The OSD RAM for character is allocated at addresses 040016 to 0EFF16, and is divided into a display
character code specification part, color code 1 specification part, and color code 2 specification part
for each block. The number of characters for 1 block (32- or 42-character mode) is selected by bit 1 of
the OSD control register 4. Tables 2.16.3 to 2.16.7 show the address map.
For example, to display 1 character position (the left edge) in block 1, write the character code in
address 040016, write color code 1 at 040116, and write color code 2 at 048016. The structure of the
OSD RAM is shown in Figure 2.16.23.
Note : For blocks of the following dot sizes, the 3nth (n = 1 to 14) character is skipped as compared
with ordinary block.
sIn OSDL mode: all dot size.
sIn OSDS and CDOSD modes of layer 2: 1.5Tc ✕ 1/2H or 1.5Tc ✕ 1H
Accordingly, maximum 22 characters (32-character mode)/28 characters (42-character mode)
are only displayed in 1 block. Blocks with dot size of 1TC ✕ 1/2H and 1TC ✕ 1H, or blocks on the
layer 1. The RAM data for the 3nth character does not effect the display. Any character data can
be stored here. And also, note the following only in 32-character mode. As the character is
displayed in the 28th’s character area in 42-character mode, set ordinarily.
• In OSDS mode
The character is not displayed, and only the left 1/3 part of the 22nd character back
ground is displayed in the 22nd’s character area. When not displaying this back-
ground, set transparent for character background color.
• In OSDL mode
Set a blank character or a character of transparent color to the 22nd character.
• In CDOSD mode
The character is not displayed, and color palette color specified by bits 3 to 6 of color
code 1 can be output in the 22nd’s character area (left 1/3 part).
Figure 2.16.23 RAM data for 3rd character (in 32-character mode)
1
1
2
2
3
4
4
5
5
7
6
8
7
10
8
11
9
13
10
14
11
16
12
17
13
19
14
20
15
22
16
23
17
25
18
26
19
28
20
29
21
31
22
32
1 2 3 4 5 6 7 8 9 1011 121314 151617 18 19 202122 23 24252627 2829 3031 32
1 2 3 4 5 6 7 8 9 10 11121314 1516 17 18 19 20 212223 2425 262728 2930 31 32
Display
sequence
RAM
address
order
Display
sequence
RAM
address
order
• 1Tc size block
• 1.5Tc size block
• OSDL block



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com