| Electronic Components Datasheet Search |
|
6V7 Datasheet(PDF) 203 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
6V7 Datasheet(HTML) 203 Page - Renesas Technology Corp |
|
203 / 298 page ![]() Rev.1.00 May 18, 2004 page 203 of 296 M306V7MG/MH/MJ/MJA-XXXFP, M306V7FG/FH/FJ/FJAFP Figure 2.16.24 Structure of OSD RAM Bit C0 C1 C2 C3 C4 C5 C6 C7 C8 RC11 RC12 RC13 RC14 RC15 RC16 RC17 RC20 RC21 C9 Bit name Character code (Low-order 9 bits) Color palette selection bit 0 Color palette selection bit 1 Color palette selection bit 2 Color palette selection bit 3 Color palette selection bit 0 Color palette selection bit 1 OUT2 output control Color palette selection bit 2 Color palette selection bit 3 Character code (High-order 1 bit) Function Specify character code in OSD ROM Specify color palette for character (See note 3) Specify color palette for character (See note 3) 0: OUT2 output OFF 1: OUT2 output ON Specify color palette for background (See note 3) Specify character code in OSD ROM Bit name CD code (7 bits) Not used Color palette selection bit 0 Color palette selection bit 1 Color palette selection bit 2 Color palette selection bit 3 OUT2 output control Not used Not used Function Specify character code in OSD ROM (color dot) Specify a dot which selects color palette 0 by OSD ROM (See note 4) 0: OUT2 output OFF 1: OUT2 output ON OSDS/L/P mode CDOSD mode Notes 1: Read value of bits 3 to 7 of the color code 2 is undefined. 2: For “not used” bits, the write value is read. 3: Refer to Figure 2.16.24. 4: Only in CDOSD mode, a dot which selects color palette 0 is colored to the color palette set by RC13 to RC16 of OSD RAM in character units. When the character size is 1.5TC ✕ 1H or 1.5TC ✕ 1/2H, however, set RCI3 to RC16 and RC17 of all characters (including the 3nth character) within the same block to the same value. CC mode Bit name Character code (Low-order 9 bits) Color palette selection bit 0 Color palette selection bit 1 Color palette selection bit 2 Italic control Flash control Underline control OUT2 output control Color palette selection bit 0 Color palette selection bit 1 Character code (High-order 1 bit) Function Specify character code in OSD ROM Specify color palette for character (See note 3) 0: Italic OFF 1: Italic ON 0: Flash OFF 1: Flash ON 0: Underline OFF 1: Underline ON 0: OUT2 output OFF 1: OUT2 output ON Specify color palette for background (See note 3) Specify character code in OSD ROM Blocks 1 to 16 C6 C5 C4 C3 C2 C1 C0 C7 b0 b7 Character code RC17 RC16 RC15 RC14 RC13 RC12 RC11 C8 b0 b7 Color code 1 Color code 2 b0 RC21 RC20 b1 C9 b2 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |