Electronic Components Datasheet Search
  English  ▼

X  

6V7 Datasheet(PDF) 220 Page - Renesas Technology Corp

Part # 6V7
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

6V7 Datasheet(HTML) 220 Page - Renesas Technology Corp

Back Button 6V7 Datasheet HTML 216Page - Renesas Technology Corp 6V7 Datasheet HTML 217Page - Renesas Technology Corp 6V7 Datasheet HTML 218Page - Renesas Technology Corp 6V7 Datasheet HTML 219Page - Renesas Technology Corp 6V7 Datasheet HTML 220Page - Renesas Technology Corp 6V7 Datasheet HTML 221Page - Renesas Technology Corp 6V7 Datasheet HTML 222Page - Renesas Technology Corp 6V7 Datasheet HTML 223Page - Renesas Technology Corp 6V7 Datasheet HTML 224Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 220 / 298 page
background image
Rev.1.00
May 18, 2004
page 220 of 296
M306V7MG/MH/MJ/MJA-XXXFP, M306V7FG/FH/FJ/FJAFP
2.16.14 SPRITE OSD Function
This is especially suitable for cursor and other displays as its function allows for display in any position,
regardless of the validity of block OSD displays or display positions. SPRITE font consists of 2 charac-
ters: SPRITE fonts 1 and 2. Each SPRITE font is a RAM font consisting of 32 horizontal dots ✕ 20 vertical
dots, 4 planes, and 4 bits of data per dot. Each plane has corresponding color palette selection bit, and
16 kinds of color palettes can be selected by the plane bit combination (three bits) for each dot. The color
palette is set in dot units according to the OSD RAM (SPRITE) contents from among the selection range.
It is possible to add arbitrary font data by software as the SPRITE fonts consist of RAM font.
The SPRITE OSD control register can control SPRITE display and dot size. The display position can
also be set independently of the block display by the SPRITE horizontal position registers and the sprite
horizontal vertical position registers. The vertical fonts 1 and 2 can be set independently. OSD2 interrupt
request occurs at each completion of font display. The horizontal position is set in 2048 steps in 2TOSC
units, and the vertical position is set in 1024 steps in 1TH units.
When SPRITE display overlaps with other OSD displays, SPRITE display is always given priority. How-
ever, the SPRITE display overlaps with the display which includes OUT2 output, OUT2 in the OSD is
output without masking.
Notes 1: The SPRITE OSD function cannot output OUT2.
2: When using SPRITE OSD, do not set HS
≤ “00316”, HS ≥ “80016.”
3: When using SPRITE OSD, do not set VSi = “00016,” VSi
≥ “40016.”
4: When displaying with SPRITE fonts 1 and 2 overlapped, the SPRITE font with a larger set value
as the vertical display start position is displayed. When the set values of the vertical display
start position are the same, the SPRITE font 1 is displayed.
Figure 2.16.40 SPRITE OSD display example
Video adjustment
Tint
– • • | • • +
Contrast
– • • | • • +
Color tone
– • • | • • +
Picture
– • • | • • +
Brightness
– • • | • • +
Example of SPRITE display
dot
1
......
Example of SPRITE font
Line 1
Line 20
SPRITE font 1
SPRITE font 2
......
dot
32
dot
17
dot
16
Line 1
Line 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com