Electronic Components Datasheet Search
  English  ▼

X  

HD404374FT Datasheet(PDF) 118 Page - Renesas Technology Corp

Part # HD404374FT
Description  Low-Voltage AS Microcomputers with On-Chip A/D Converter
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404374FT Datasheet(HTML) 118 Page - Renesas Technology Corp

Back Button HD404374FT Datasheet HTML 114Page - Renesas Technology Corp HD404374FT Datasheet HTML 115Page - Renesas Technology Corp HD404374FT Datasheet HTML 116Page - Renesas Technology Corp HD404374FT Datasheet HTML 117Page - Renesas Technology Corp HD404374FT Datasheet HTML 118Page - Renesas Technology Corp HD404374FT Datasheet HTML 119Page - Renesas Technology Corp HD404374FT Datasheet HTML 120Page - Renesas Technology Corp HD404374FT Datasheet HTML 121Page - Renesas Technology Corp HD404374FT Datasheet HTML 122Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 161 page
background image
HD404374/HD404384/HD404389/HD404082/HD404084 Series
Rev.5.00, Sep.11.2003, page 118 of 161
Start
Set Prog./Verify Mode
VPP=12.5
±0.3V, VCC=6.0±0.25V
Address=0
n=0
n+1
→n
Program tPW = 1ms
±5%
Verify
Go
Program tOPW = 3nms
Last
Address?
Yes
No
NoGo
Set Read Mode
VCC=5.0
±0.5V, VPP=VCC±0.6V
Read
All Address
Go
End
Address + 1
→Address
Yes
n<S
No
S=25
NoGo
Fail
Figure 71 Flowchart of High-Speed Programming



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com