| Electronic Components Datasheet Search |
|
HD404374FT Datasheet(PDF) 121 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD404374FT Datasheet(HTML) 121 Page - Renesas Technology Corp |
|
121 / 161 page ![]() HD404374/HD404384/HD404389/HD404082/HD404084 Series Rev.5.00, Sep.11.2003, page 121 of 161 Notes on PROM Programming Principles of Programming/Erasure: A memory cell in a ZTAT™ microcomputer is the same as an EPROM cell; it is programmed by applying a high voltage between its control gate and drain to inject hot electrons into its floating gate. These electrons are stable, surrounded by an energy barrier formed by an SiO2 film. The change in threshold voltage of a memory cell with a charged floating gate makes the corresponding bit appear as 0; a cell whose floating gate is not charged appears as a 1 bit (figure 73). The charge in a memory cell may decrease with time. This decrease is usually due to one of the following causes: • Ultraviolet light excites electrons, allowing them to escape. This effect is the basis of the erasure principle. • Heat excites trapped electrons, allowing them to escape. • High voltages between the control gate and drain may erase electrons. If the oxide film covering a floating gate is defective, the electron erasure rate will be greater. However, electron erasure does not often occur because defective devices are detected and removed at the testing stage. Control gate Floating gate Drain SiO2 Source Write (0) Control gate Floating gate Drain SiO2 Source Erasure (1) N+ N+ N+ N+ Figure 73 Cross-Sections of a PROM Cell PROM Programming: PROM memory cells must be programmed under specific voltage and timing conditions. The higher the programming voltage VPP and the longer the programming pulse tPW is applied, the more electrons are injected into the floating gates. However, if VPP exceeds specifications, the pn junctions may be permanently damaged. Pay particular attention to overshooting in the PROM programmer. In addition, note that negative voltage noise will produce a parasitic transistor effect that may reduce breakdown voltages. The ZTAT™ microcomputer is electrically connected to the PROM programmer by a socket adapter. Therefore, note the following points: • Check that the socket adapter is firmly mounted on the PROM programmer. • Do not touch the socket adapter or the LSI during the programming. Touching them may affect the quality of the contacts, which will cause programming errors. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |