Electronic Components Datasheet Search
  English  ▼

X  

HD404374FT Datasheet(PDF) 122 Page - Renesas Technology Corp

Part # HD404374FT
Description  Low-Voltage AS Microcomputers with On-Chip A/D Converter
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404374FT Datasheet(HTML) 122 Page - Renesas Technology Corp

Back Button HD404374FT Datasheet HTML 118Page - Renesas Technology Corp HD404374FT Datasheet HTML 119Page - Renesas Technology Corp HD404374FT Datasheet HTML 120Page - Renesas Technology Corp HD404374FT Datasheet HTML 121Page - Renesas Technology Corp HD404374FT Datasheet HTML 122Page - Renesas Technology Corp HD404374FT Datasheet HTML 123Page - Renesas Technology Corp HD404374FT Datasheet HTML 124Page - Renesas Technology Corp HD404374FT Datasheet HTML 125Page - Renesas Technology Corp HD404374FT Datasheet HTML 126Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 161 page
background image
HD404374/HD404384/HD404389/HD404082/HD404084 Series
Rev.5.00, Sep.11.2003, page 122 of 161
PROM Reliability after Programming: In general, semiconductor devices retain their reliability,
provided that some initial defects can be excluded. These initial defects can be detected and rejected by
screening. Baking devices under high-temperature conditions is one method of screening that can rapidly
eliminate data-hold defects in memory cells. (Refer to the previous Principles of Programming/Erasure
section.)
ZTAT™ microcomputer devices are extremely reliable because they have been subjected to such a
screening method during the wafer fabrication process, but Hitachi recommends that each device be
exposed to 150°C at one atmosphere for at least 48 hours after it is programmed, to ensure its best
performance. The recommended screening procedure is shown in figure 74.
Note:
If programming errors occur continuously during PROM programming, suspend programming and
check for problems in the PROM programmer or socket adapter. If programming verification
indicates errors in programming or after high-temperature exposure, please inform Renesas
Technology.
Programming, verification
Exposure to high temperature, without power
150˚C
± 10˚C, 48 h +8h*
−0h
Program read check
VCC = 4.5 V or 5.5 V
Note: * Exposure time is measured from when the temperature in the heater reaches 150˚C.
Figure 74 Recommended Screening Procedure
Programming percentage: Programming percentage is guarenteed to more than 95%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com