Electronic Components Datasheet Search
  English  ▼

X  

HD404374FT Datasheet(PDF) 119 Page - Renesas Technology Corp

Part # HD404374FT
Description  Low-Voltage AS Microcomputers with On-Chip A/D Converter
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404374FT Datasheet(HTML) 119 Page - Renesas Technology Corp

Back Button HD404374FT Datasheet HTML 115Page - Renesas Technology Corp HD404374FT Datasheet HTML 116Page - Renesas Technology Corp HD404374FT Datasheet HTML 117Page - Renesas Technology Corp HD404374FT Datasheet HTML 118Page - Renesas Technology Corp HD404374FT Datasheet HTML 119Page - Renesas Technology Corp HD404374FT Datasheet HTML 120Page - Renesas Technology Corp HD404374FT Datasheet HTML 121Page - Renesas Technology Corp HD404374FT Datasheet HTML 122Page - Renesas Technology Corp HD404374FT Datasheet HTML 123Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 161 page
background image
HD404374/HD404384/HD404389/HD404082/HD404084 Series
Rev.5.00, Sep.11.2003, page 119 of 161
Programming Electrical Characteristics
DC Characteristics (V
CC = 6V ±0.25V, VPP = 12.5V ±0.3V, VSS = 0V, Ta = 25°C ±5°C, unless otherwise
specified)
Item
Symbol
Test Conditions
min
typ
max
Unit
Input high voltage
O
0 to O4,A0 to A14,
OE, CE
V
IH
2.2
—
V
CC+0.3
V
Input low voltage
O
0 to O4,A0 to A14,
OE, CE
V
IL
–0.3
—
0.8
V
Output high voltage
O
0 to O4
V
OH
I
OH=–200µA
2.4
—
—
V
Output low voltage
O
0 to O4
V
OL
I
OL=1.6mA
—
—
0.4
V
Input leakage current O
0 to O4,A0 to A14,
OE, CE
I
IL
V
in=5.25V/0.5V
—
—
2
µA
V
CC current
I
CC
—
—
30
mA
V
PP current
I
PP
—
—
40
mA
AC Characteristics (V
CC = 6V ±0.25V, VPP = 12.5V ±0.3V, Ta = 25°C ±5°C, unless otherwise specified)
Item
Symbol
Test Conditions
min
typ
max
Unit
Address setup time
t
AS
2
—
—
µs
OE setup time
t
OES
2
—
—
µs
Data setup time
t
DS
2
—
—
µs
Address hold time
t
AH
0
—
—
µs
Data hold time
t
DH
2
—
—
µs
Data output disable time
t
DF
—
—
130
ns
V
PP setup time
t
VPS
2
—
—
µs
Program pulse width
t
PW
0.95
1.0
1.05
ms
CE pulse width during overprogramming t
OPW
2.85
—
78.75
ms
V
CC setup time
t
VCS
2
—
—
µs
Data output delay time
t
OE
See figure 72
0
—
500
ns
Notes: Input pulse level: 0.8 V to 2.2 V
Input rise/fall times:
≤ 20ns
Input timing reference levels: 1.0 V, 2.0 V
Output timing reference levels: 0.8 V, 2.0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com