Electronic Components Datasheet Search
  English  ▼

X  

SH7136 Datasheet(PDF) 162 Page - Renesas Technology Corp

Part # SH7136
Description  32-Bit RISC Microcomputer SuperH??RISC engine Family
PDF  1160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7136 Datasheet(HTML) 162 Page - Renesas Technology Corp

Back Button SH7136 Datasheet HTML 158Page - Renesas Technology Corp SH7136 Datasheet HTML 159Page - Renesas Technology Corp SH7136 Datasheet HTML 160Page - Renesas Technology Corp SH7136 Datasheet HTML 161Page - Renesas Technology Corp SH7136 Datasheet HTML 162Page - Renesas Technology Corp SH7136 Datasheet HTML 163Page - Renesas Technology Corp SH7136 Datasheet HTML 164Page - Renesas Technology Corp SH7136 Datasheet HTML 165Page - Renesas Technology Corp SH7136 Datasheet HTML 166Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 1160 page
background image
Section 7 User Break Controller (UBC)
Rev. 2.00 Sep. 10, 2008 Page 136 of 1130
REJ09B0402-0200
7.3.11
Break Control Register (BRCR)
BRCR sets the following conditions:
1. Specifies whether channels A and B conditions are used as two independent conditions or as
the sequential condition.
2. Specifies whether a user break is set before or after instruction execution.
3. Specifies whether to include the number of execution times in channel B comparison
conditions.
4. Specifies whether to include data bus in channels A and B comparison conditions.
5. Enables PC trace.
6. Selects the pulse width of the
UBCTRG output.
7. Specifies whether to request a user break interrupt on a match of channels A and B comparison
conditions.
BRCR is a 32-bit readable/writable register that has break conditions match flags and bits for
setting a variety of break conditions.
Bit:
Initial value:
R/W:
Bit:
Initial value:
R/W:
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
987654321
0
0000000000000000
RRRRRRRRRR
R/W
R/W
R/W
R
R/W
R
0000000000000000
R/W
R/W
R/W
R/W
R/W
R/W
R
R
R/W
R/W
R/W
R
R/W
R
R
R/W
----------
UTRGW[1:0]
UBIDB
-
UBIDA
-
SCM
FCA
SCM
FCB
SCM
FDA
SCM
FDB
PCTE
PCBA
-
-
DBEA
PCBB
DBEB
-
SEQ
-
-
ETBE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com