Electronic Components Datasheet Search
  English  ▼

X  

SH7136 Datasheet(PDF) 158 Page - Renesas Technology Corp

Part # SH7136
Description  32-Bit RISC Microcomputer SuperH??RISC engine Family
PDF  1160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7136 Datasheet(HTML) 158 Page - Renesas Technology Corp

Back Button SH7136 Datasheet HTML 154Page - Renesas Technology Corp SH7136 Datasheet HTML 155Page - Renesas Technology Corp SH7136 Datasheet HTML 156Page - Renesas Technology Corp SH7136 Datasheet HTML 157Page - Renesas Technology Corp SH7136 Datasheet HTML 158Page - Renesas Technology Corp SH7136 Datasheet HTML 159Page - Renesas Technology Corp SH7136 Datasheet HTML 160Page - Renesas Technology Corp SH7136 Datasheet HTML 161Page - Renesas Technology Corp SH7136 Datasheet HTML 162Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 1160 page
background image
Section 7 User Break Controller (UBC)
Rev. 2.00 Sep. 10, 2008 Page 132 of 1130
REJ09B0402-0200
7.3.8
Break Data Register B (BDRB)
BDRB is a 32-bit readable/writable register. The control bits CDB1 and CDB0 in BBRB select
one of the two data buses for break condition B.
Bit:
Initial value:
R/W:
Bit:
Initial value:
R/W:
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
987654321
0
0000000000000000
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
0000000000000000
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
BDB31 BDB30 BDB29 BDB28 BDB27 BDB26 BDB25 BDB24 BDB23 BDB22 BDB21 BDB20 BDB19 BDB18 BDB17 BDB16
BDB15 BDB14 BDB13 BDB12 BDB11 BDB10
BDB9
BDB8
BDB7
BDB6
BDB5
BDB4
BDB3
BDB2
BDB1
BDB0
Bit
Bit Name
Initial
Value
R/W
Description
31 to 0
BDB31 to
BDB0
All 0
R/W
Break Data Bit B
Stores data which specifies a break condition in channel
B.
If the I bus is selected in BBRB, the break data on IDB is
set in BDB31 to BDB0.
If the L bus is selected in BBRB, the break data on LDB
is set in BDB31 to BDB0.
Notes: 1. Specify an operand size when including the value of the data bus in the break
condition.
2. When the byte size is selected as a break condition, the same byte data must be set in
bits 15 to 8 and 7 to 0 in BDRB as the break data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com