Electronic Components Datasheet Search
  English  ▼

X  

SH7136 Datasheet(PDF) 154 Page - Renesas Technology Corp

Part # SH7136
Description  32-Bit RISC Microcomputer SuperH??RISC engine Family
PDF  1160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7136 Datasheet(HTML) 154 Page - Renesas Technology Corp

Back Button SH7136 Datasheet HTML 150Page - Renesas Technology Corp SH7136 Datasheet HTML 151Page - Renesas Technology Corp SH7136 Datasheet HTML 152Page - Renesas Technology Corp SH7136 Datasheet HTML 153Page - Renesas Technology Corp SH7136 Datasheet HTML 154Page - Renesas Technology Corp SH7136 Datasheet HTML 155Page - Renesas Technology Corp SH7136 Datasheet HTML 156Page - Renesas Technology Corp SH7136 Datasheet HTML 157Page - Renesas Technology Corp SH7136 Datasheet HTML 158Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 1160 page
background image
Section 7 User Break Controller (UBC)
Rev. 2.00 Sep. 10, 2008 Page 128 of 1130
REJ09B0402-0200
7.3.4
Break Data Register A (BDRA)
BDRA is a 32-bit readable/writable register. The control bits CDA1 and CDA0 in BBRA select
one of two data buses for break condition A.
Bit:
Initial value:
R/W:
Bit:
Initial value:
R/W:
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
987654321
0
0000000000000000
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
0000000000000000
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
BDA31 BDA30 BDA29 BDA28 BDA27 BDA26 BDA25 BDA24 BDA23 BDA22 BDA21 BDA20 BDA19 BDA18 BDA17 BDA16
BDA15 BDA14 BDA13 BDA12 BDA11 BDA10
BDA9
BDA8
BDA7
BDA6
BDA5
BDA4
BDA3
BDA2
BDA1
BDA0
Bit
Bit Name
Initial
Value
R/W
Description
31 to 0
BDA31 to
BDA0
All 0
R/W
Break Data Bit A
Stores data which specifies a break condition in channel
A.
If the I bus is selected in BBRA, the break data on IDB is
set in BDA31 to BDA0.
If the L bus is selected in BBRA, the break data on LDB
is set in BDA31 to BDA0.
Notes: 1. Specify an operand size when including the value of the data bus in the break
condition.
2. When the byte size is selected as a break condition, the same byte data must be set in
bits 15 to 8 and 7 to 0 in BDRA as the break data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com