Electronic Components Datasheet Search
  English  ▼

X  

SH7136 Datasheet(PDF) 155 Page - Renesas Technology Corp

Part # SH7136
Description  32-Bit RISC Microcomputer SuperH??RISC engine Family
PDF  1160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7136 Datasheet(HTML) 155 Page - Renesas Technology Corp

Back Button SH7136 Datasheet HTML 151Page - Renesas Technology Corp SH7136 Datasheet HTML 152Page - Renesas Technology Corp SH7136 Datasheet HTML 153Page - Renesas Technology Corp SH7136 Datasheet HTML 154Page - Renesas Technology Corp SH7136 Datasheet HTML 155Page - Renesas Technology Corp SH7136 Datasheet HTML 156Page - Renesas Technology Corp SH7136 Datasheet HTML 157Page - Renesas Technology Corp SH7136 Datasheet HTML 158Page - Renesas Technology Corp SH7136 Datasheet HTML 159Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 1160 page
background image
Section 7 User Break Controller (UBC)
Rev. 2.00 Sep. 10, 2008 Page 129 of 1130
REJ09B0402-0200
7.3.5
Break Data Mask Register A (BDMRA)
BDMRA is a 32-bit readable/writable register. BDMRA specifies bits masked in the break data
specified by BDRA.
Bit:
Initial value:
R/W:
Bit:
Initial value:
R/W:
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
987654321
0
0000000000000000
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
0000000000000000
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
BDMA31 BDMA30 BDMA29 BDMA28 BDMA27 BDMA26 BDMA25 BDMA24 BDMA23 BDMA22 BDMA21 BDMA20 BDMA19 BDMA18 BDMA17 BDMA16
BDMA15 BDMA14 BDMA13 BDMA12 BDMA11 BDMA10 BDMA9
BDMA8
BDMA7
BDMA6
BDMA5
BDMA4
BDMA3
BDMA2
BDMA1
BDMA0
Bit
Bit Name
Initial
Value
R/W
Description
31 to 0
BDMA31 to
BDMA 0
All 0
R/W
Break Data Mask A
Specifies bits masked in the break data of channel A
specified by BDRA (BDA31 to BDA0).
0: Break data BDAn of channel A is included in the
break condition
1: Break data BDAn of channel A is masked and is not
included in the break condition
Note: n = 31 to 0
Notes: 1. Specify an operand size when including the value of the data bus in the break
condition.
2. When the byte size is selected as a break condition, the same byte data must be set in
bits 15 to 8 and 7 to 0 in BDMRA as the break mask data in BDRA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com