| Electronic Components Datasheet Search |
|
HD64F36034 Datasheet(PDF) 362 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD64F36034 Datasheet(HTML) 362 Page - Renesas Technology Corp |
|
362 / 592 page ![]() Section 15 Controller Area Network for Tiny (TinyCAN) Rev. 4.00 Mar. 15, 2006 Page 330 of 556 REJ09B0026-0400 4. If an arbitration loss occurs in the arbitration field, the TinyCAN starts reception. When the DART or MBn bit in TXCR is set to 1, a transmit request for message 1 is canceled. At this time, the MBn bits in TXPR and TXCR are cleared to 0 and the MBn bit in ABACK and the EMPI bit in TCIRR1 are set to 1. The MBn bit in TXACK is always 0. 5. When there is a transmit request after reception has completed (for details, see section 15.5.4, Message Reception), the arbitration for message 2 is determined and it is transmitted to the CAN bus. When there is no transmit request, the TinyCAN starts reception. HRXD SOF Bus idle Bus idle Arbitration Control Data Message 1 [4] Arbitration loss Transmission for message 1 cannot be cancelled by TXCR Internal arbitration for message 2 can be configurable (Transmission settings can be changed by TXPR/TXCR) Message 1 reception Transmission for message 2 cannot be cancelled by TXCR Internal arbitration for message 3 can be configurable [5] Internal arbitration for message 2 is determined after normal reception has completed [3] Internal arbitration for message 1 is determined [2] Set TXPR Message 2 Message 2 CRC ACK EOF Intermission SOF SOF Arbitration ACK bit Intermission SOF HTXD MBn in TXPR MBn in TXCR EMPI in TCIRR1 MBn in ABACK DART Figure 15.8 Internal Arbitration at Reception Caused by CAN Bus Arbitration Loss (MBn in TXCR = 0 and DART = 0) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |