Electronic Components Datasheet Search
  English  ▼

X  

HD64F36034 Datasheet(PDF) 358 Page - Renesas Technology Corp

Part # HD64F36034
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  592 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36034 Datasheet(HTML) 358 Page - Renesas Technology Corp

Back Button HD64F36034 Datasheet HTML 354Page - Renesas Technology Corp HD64F36034 Datasheet HTML 355Page - Renesas Technology Corp HD64F36034 Datasheet HTML 356Page - Renesas Technology Corp HD64F36034 Datasheet HTML 357Page - Renesas Technology Corp HD64F36034 Datasheet HTML 358Page - Renesas Technology Corp HD64F36034 Datasheet HTML 359Page - Renesas Technology Corp HD64F36034 Datasheet HTML 360Page - Renesas Technology Corp HD64F36034 Datasheet HTML 361Page - Renesas Technology Corp HD64F36034 Datasheet HTML 362Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 358 / 592 page
background image
Section 15 Controller Area Network for Tiny (TinyCAN)
Rev. 4.00 Mar. 15, 2006 Page 326 of 556
REJ09B0026-0400
Time Quantum (TQ) is an integer multiple of the number of system clocks, and is determined by
the baud rate prescaler (BRP) as follows.
φ means the system clock frequency.
TQ = (BRP
+ 1)/φ
The following formula is used to calculate the 1-bit time and bit rate.
1-bit time = TQ
× {1 + (1 + TSG1) + (1 + TSG2)}
Bit rate = 1/Bit time
=
φ/{(BRP + 1) × {1 + (1 + TSG1) + (1 + TSG2)}}
Values that can be set for TSG1 and TSG2 in BCR1 are listed in table 15.3.
Table 15.3
Settable Values for TSG1 and TSG2 in BCR1
TSG2
001
010
011
100
101
110
111
TSG1
0011
No
Yes
No
No
No
No
No
0100
Yes
Yes
Yes
No
No
No
No
0101
Yes
Yes
Yes
Yes
No
No
No
0110
Yes
Yes
Yes
Yes
Yes
No
No
0111
Yes
Yes
Yes
Yes
Yes
Yes
No
1000
Yes
Yes
Yes
Yes
Yes
Yes
Yes
1001
Yes
Yes
Yes
Yes
Yes
Yes
Yes
1010
Yes
Yes
Yes
Yes
Yes
Yes
Yes
1011
Yes
Yes
Yes
Yes
Yes
Yes
Yes
1100
Yes
Yes
Yes
Yes
Yes
Yes
Yes
1101
Yes
Yes
Yes
Yes
Yes
Yes
Yes
1110
Yes
Yes
Yes
Yes
Yes
Yes
Yes
1111
Yes
Yes
Yes
Yes
Yes
Yes
Yes
[Legend]
Yes: Setting is possible
No:
Setting is prohibited
[Example]
To have a baud rate of 1 Mbps with
φ = 16 MHz, BRP = 1, and (1 + TSG1) + (1 + TSG2) = 7. In
this case, the settings are BCR1 = H
′23 and BCR0 = H'01.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com