Electronic Components Datasheet Search
  English  ▼

X  

HD64F36034 Datasheet(PDF) 355 Page - Renesas Technology Corp

Part # HD64F36034
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  592 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36034 Datasheet(HTML) 355 Page - Renesas Technology Corp

Back Button HD64F36034 Datasheet HTML 351Page - Renesas Technology Corp HD64F36034 Datasheet HTML 352Page - Renesas Technology Corp HD64F36034 Datasheet HTML 353Page - Renesas Technology Corp HD64F36034 Datasheet HTML 354Page - Renesas Technology Corp HD64F36034 Datasheet HTML 355Page - Renesas Technology Corp HD64F36034 Datasheet HTML 356Page - Renesas Technology Corp HD64F36034 Datasheet HTML 357Page - Renesas Technology Corp HD64F36034 Datasheet HTML 358Page - Renesas Technology Corp HD64F36034 Datasheet HTML 359Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 355 / 592 page
background image
Section 15 Controller Area Network for Tiny (TinyCAN)
Rev. 4.00 Mar. 15, 2006 Page 323 of 556
REJ09B0026-0400
Register
Name
Bit
Bit Name
R/W
Description
4 to 2
—
—
Reserved
These bits are always read as 0.
LAFMHn1
(n = 0 to 3)
1, 0
LAFMHn1,
LAFMHn0
R/W
Filter mask for bits 17 and 16 of the extended
identifier.
0: Receive message is stored in RXn because the
RXn message identifier bits match the receive
message identifier bits
1: Receive message is stored in RXn regardless of
whether the RXn message identifier bits match
the receive message identifier bits
LAFMHn0
(n = 0 to 3)
7 to 0
LAFMHn15 to
LAFMHn8
R/W
Filter mask for bits 10 to 3 of the standard
identifier.
0: Receive message is stored in RXn because the
RXn message identifier bits match the receive
message identifier bits
1: Receive message is stored in RXn regardless of
whether the RXn message identifier bits match
the receive message identifier bits
15.4.3
Message Data (MDn0 to MDn7 [n = 0 to 3])
The message data is configured as eight 8-bit registers for a single Mailbox. The transmit and
receive data are stored from byte 0 in the low-to-high order. The TinyCAN has four sets of
message data. The bit order on the CAN bus is from 1 to 8 bytes. Since MDn0 to MDn7 (n = 0 to
3) are in RAM, initial values are undefined after power-on. Be sure to initialize these bits by
writing 0 or 1.
MD0[0]
MD1[0]
MD2[0]
MD3[0]
Mailbox 0
Mailbox 1
Mailbox 2
Mailbox 3
MD0[1]
MD1[1]
MD2[1]
MD3[1]
MD0[2]
MD1[2]
MD2[2]
MD3[2]
MD0[3]
MD1[3]
MD2[3]
MD3[3]
MD0[4]
MD1[4]
MD2[4]
MD3[4]
MD0[5]
MD1[5]
MD2[5]
MD3[5]
MD0[6]
MD1[6]
MD2[6]
MD3[6]
MD0[7]
MD1[7]
MD2[7]
MD3[7]
Figure 15.3 Message Data Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com