Electronic Components Datasheet Search
  English  ▼

X  

HD64F36034 Datasheet(PDF) 125 Page - Renesas Technology Corp

Part # HD64F36034
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  592 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36034 Datasheet(HTML) 125 Page - Renesas Technology Corp

Back Button HD64F36034 Datasheet HTML 121Page - Renesas Technology Corp HD64F36034 Datasheet HTML 122Page - Renesas Technology Corp HD64F36034 Datasheet HTML 123Page - Renesas Technology Corp HD64F36034 Datasheet HTML 124Page - Renesas Technology Corp HD64F36034 Datasheet HTML 125Page - Renesas Technology Corp HD64F36034 Datasheet HTML 126Page - Renesas Technology Corp HD64F36034 Datasheet HTML 127Page - Renesas Technology Corp HD64F36034 Datasheet HTML 128Page - Renesas Technology Corp HD64F36034 Datasheet HTML 129Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 592 page
background image
Section 7 ROM
Rev. 4.00 Mar. 15, 2006 Page 93 of 556
REJ09B0026-0400
7.2.3
Erase Block Register 1 (EBR1)
EBR1 specifies the flash memory erase area block. EBR1 is initialized to H'00 when the SWE bit
in FLMCR1 is 0. Do not set more than one bit at a time, as this will cause all the bits in EBR1 to
be automatically cleared to 0.
Bit
Bit Name
Initial
Value
R/W
Description
7
—
0
—
Reserved
This bit is always read as 0.
6
EB6
0
R/W
When this bit is set to 1, 8 bytes of H'C000 to H'DFFF will
be erased.
5
EB5
0
R/W
When this bit is set to 1, 16 bytes of H'8000 to H'BFFF
will be erased.
4
EB4
0
R/W
When this bit is set to 1, 28 kbytes of H'1000 to H'7FFF
will be erased.
3
EB3
0
R/W
When this bit is set to 1, 1 kbyte of H'0C00 to H'0FFF will
be erased.
2
EB2
0
R/W
When this bit is set to 1, 1 kbyte of H'0800 to H'0BFF will
be erased.
1
EB1
0
R/W
When this bit is set to 1, 1 kbyte of H'0400 to H'07FF will
be erased.
0
EB0
0
R/W
When this bit is set to 1, 1 kbyte of H'0000 to H'03FF will
be erased.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com