Electronic Components Datasheet Search
  English  ▼

X  

HD64F36034 Datasheet(PDF) 123 Page - Renesas Technology Corp

Part # HD64F36034
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  592 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36034 Datasheet(HTML) 123 Page - Renesas Technology Corp

Back Button HD64F36034 Datasheet HTML 119Page - Renesas Technology Corp HD64F36034 Datasheet HTML 120Page - Renesas Technology Corp HD64F36034 Datasheet HTML 121Page - Renesas Technology Corp HD64F36034 Datasheet HTML 122Page - Renesas Technology Corp HD64F36034 Datasheet HTML 123Page - Renesas Technology Corp HD64F36034 Datasheet HTML 124Page - Renesas Technology Corp HD64F36034 Datasheet HTML 125Page - Renesas Technology Corp HD64F36034 Datasheet HTML 126Page - Renesas Technology Corp HD64F36034 Datasheet HTML 127Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 592 page
background image
Section 7 ROM
Rev. 4.00 Mar. 15, 2006 Page 91 of 556
REJ09B0026-0400
7.2
Register Descriptions
The flash memory has the following registers.
• Flash memory control register 1 (FLMCR1)
• Flash memory control register 2 (FLMCR2)
• Erase block register 1 (EBR1)
• Flash memory power control register (FLPWCR)
• Flash memory enable register (FENR)
7.2.1
Flash Memory Control Register 1 (FLMCR1)
FLMCR1 is a register that makes the flash memory change to program mode, program-verify
mode, erase mode, or erase-verify mode. For details on register setting, refer to section 7.4, Flash
Memory Programming/Erasing.
Bit
Bit Name
Initial
Value
R/W
Description
7
—
0
—
Reserved
This bit is always read as 0.
6
SWE
0
R/W
Software Write Enable
When this bit is set to 1, flash memory
programming/erasing is enabled. When this bit is cleared
to 0, other FLMCR1 register bits and all EBR1 bits cannot
be set.
5
ESU
0
R/W
Erase Setup
When this bit is set to 1, the flash memory changes to the
erase setup state. When it is cleared to 0, the erase setup
state is cancelled. Set this bit to 1 before setting the E bit
to 1 in FLMCR1.
4
PSU
0
R/W
Program Setup
When this bit is set to 1, the flash memory changes to the
program setup state. When it is cleared to 0, the program
setup state is cancelled. Set this bit to 1 before setting the
P bit in FLMCR1.
3
EV
0
R/W
Erase-Verify
When this bit is set to 1, the flash memory changes to
erase-verify mode. When it is cleared to 0, erase-verify
mode is cancelled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com