Electronic Components Datasheet Search
  English  ▼

X  

HD64F36034 Datasheet(PDF) 164 Page - Renesas Technology Corp

Part # HD64F36034
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  592 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36034 Datasheet(HTML) 164 Page - Renesas Technology Corp

Back Button HD64F36034 Datasheet HTML 160Page - Renesas Technology Corp HD64F36034 Datasheet HTML 161Page - Renesas Technology Corp HD64F36034 Datasheet HTML 162Page - Renesas Technology Corp HD64F36034 Datasheet HTML 163Page - Renesas Technology Corp HD64F36034 Datasheet HTML 164Page - Renesas Technology Corp HD64F36034 Datasheet HTML 165Page - Renesas Technology Corp HD64F36034 Datasheet HTML 166Page - Renesas Technology Corp HD64F36034 Datasheet HTML 167Page - Renesas Technology Corp HD64F36034 Datasheet HTML 168Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 592 page
background image
Section 9 I/O Ports
Rev. 4.00 Mar. 15, 2006 Page 132 of 556
REJ09B0026-0400
9.5.1
Port Control Register 7 (PCR7)
PCR7 selects inputs/outputs in bit units for pins to be used as general I/O ports of port 7.
Bit
Bit Name
Initial
Value
R/W
Description
7
6
5
4
3
2
1
0
PCR76
PCR75
PCR74
PCR72
PCR71
PCR70
0
0
0
0
0
0
W
W
W
W
W
W
When each of the port 7 pins P76 to P74 and P72 to P70
functions as a general I/O port, setting a PCR7 bit to 1
makes the corresponding pin an output port, while
clearing the bit to 0 makes the pin an input port.
Bits 7 and 3 are reserved bits.
9.5.2
Port Data Register 7 (PDR7)
PDR7 is a general I/O port data register of port 7.
Bit
Bit Name
Initial
Value
R/W
Description
7
6
5
4
3
2
1
0
P76
P75
P74
P72
P71
P70
1
0
0
0
1
0
0
0
R/W
R/W
R/W
R/W
R/W
R/W
Stores output data for port 7 pins.
If PDR7 is read while PCR7 bits are set to 1, the value
stored in PDR7 are read. If PDR7 is read while PCR7 bits
are cleared to 0, the pin states are read regardless of the
value stored in PDR7.
Bits 7 and 3 are reserved bits. These bits are always read
as 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com