Electronic Components Datasheet Search
  English  ▼

X  

HD64F36034 Datasheet(PDF) 167 Page - Renesas Technology Corp

Part # HD64F36034
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  592 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36034 Datasheet(HTML) 167 Page - Renesas Technology Corp

Back Button HD64F36034 Datasheet HTML 163Page - Renesas Technology Corp HD64F36034 Datasheet HTML 164Page - Renesas Technology Corp HD64F36034 Datasheet HTML 165Page - Renesas Technology Corp HD64F36034 Datasheet HTML 166Page - Renesas Technology Corp HD64F36034 Datasheet HTML 167Page - Renesas Technology Corp HD64F36034 Datasheet HTML 168Page - Renesas Technology Corp HD64F36034 Datasheet HTML 169Page - Renesas Technology Corp HD64F36034 Datasheet HTML 170Page - Renesas Technology Corp HD64F36034 Datasheet HTML 171Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 592 page
background image
Section 9 I/O Ports
Rev. 4.00 Mar. 15, 2006 Page 135 of 556
REJ09B0026-0400
9.6
Port 8
Port 8 is a general I/O port. Each pin of the port 8 is shown in figure 9.6.
P87
P86
P85
Port 8
Figure 9.6 Port 8 Pin Configuration
Port 8 has the following registers.
• Port control register 8 (PCR8)
• Port data register 8 (PDR8)
9.6.1
Port Control Register 8 (PCR8)
PCR8 selects inputs/outputs in bit units for pins to be used as general I/O ports of port 8.
Bit
Bit Name
Initial
Value
R/W
Description
7
6
5
PCR87
PCR86
PCR85
0
0
0
W
W
W
When each of the port 8 pins P87 to P85 functions as a
general I/O port, setting a PCR8 bit to 1 makes the
corresponding pin an output port, while clearing the bit to
0 makes the pin an input port.
4 to 0
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com