Electronic Components Datasheet Search
  English  ▼

X  

HD64F36034 Datasheet(PDF) 168 Page - Renesas Technology Corp

Part # HD64F36034
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  592 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36034 Datasheet(HTML) 168 Page - Renesas Technology Corp

Back Button HD64F36034 Datasheet HTML 164Page - Renesas Technology Corp HD64F36034 Datasheet HTML 165Page - Renesas Technology Corp HD64F36034 Datasheet HTML 166Page - Renesas Technology Corp HD64F36034 Datasheet HTML 167Page - Renesas Technology Corp HD64F36034 Datasheet HTML 168Page - Renesas Technology Corp HD64F36034 Datasheet HTML 169Page - Renesas Technology Corp HD64F36034 Datasheet HTML 170Page - Renesas Technology Corp HD64F36034 Datasheet HTML 171Page - Renesas Technology Corp HD64F36034 Datasheet HTML 172Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 168 / 592 page
background image
Section 9 I/O Ports
Rev. 4.00 Mar. 15, 2006 Page 136 of 556
REJ09B0026-0400
9.6.2
Port Data Register 8 (PDR8)
PDR8 is a general I/O port data register of port 8.
Bit
Bit Name
Initial
Value
R/W
Description
7
6
5
P87
P86
P85
0
0
0
R/W
R/W
R/W
PDR8 stores output data for port 8 pins.
If PDR8 is read while PCR8 bits are set to 1, the value
stored in PDR8 is read. If PDR8 is read while PCR8 bits
are cleared to 0, the pin states are read regardless of the
value stored in PDR8.
4 to 0
All 1
Reserved
These bits are always read as 1.
9.6.3
Pin Functions
The correspondence between the register specification and the port functions is shown below.
• P87 pin
Register
PCR8
Bit Name
PCR87
Pin Function
Setting Value
0
P87 input pin
1
P87 output pin
• P86 pin
Register
PCR8
Bit Name
PCR86
Pin Function
Setting Value
0
P86 input pin
1
P86 output pin
• P85 pin
Register
PCR8
Bit Name
PCR85
Pin Function
Setting Value
0
P85 input pin
1
P85 output pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com